Electronic Components Datasheet Search
  English  ▼

X  

SC-2010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC-2010
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC-2010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC-2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A-150
ス
イ
ッ
チ
SC-1000/2000
ROTARY CODED SWITCHES
■標準仕様
STANDARD SPECIFICATIONS
回路構成
Circuit type
使用温度範囲
Operating temperature range
保存温度範囲
Storage temperature range
シール性
Sealing
質 量
Net weight
BCD (Real code, complementary code)
BCH (Real code, complementary code)
−40 ~ 85 °C
洗浄可能
(詳細はA-198をご参照下さい。
)
Washable (Please refer to A-198)
つまみ無し上部設定 0.63 g
Without knob Top setting
つまみ付き上部設定 0.73 g
With knob Top setting
つまみ無し側部設定 0.76 g
Without knob Side setting
つまみ付き側部設定 0.86 g
With knob Side setting
ポジション数
No. of positions
回転トルク
Adjustment torque
ステップ角度
Stepping angle
端子強度(スルーホールピンのみ)
Terminal strength (Through hole pin only)
操作部強度(つまみ付きのみ)
Stop strength (With knob only)
はんだ付け性
Solderability
はんだ
耐熱性
Soldering
heat
スルー
ホールピン
Through
hole pin
ガル・ウィング
Gull wing
固着性(ガル・ウィングのみ)
Shear (Gull wing only)
耐基板曲げ性(ガル・ウィングのみ)
Substrate bending (Gull wing only)
引きはがし強さ(ガル・ウィングのみ)
Pull-off strength (Gull wing only)
16 (SC-1000), 10 (SC-2000)
4 ~ 20 mN·m {41 ~ 204 gf·cm}
22.5° (SC-1000), 36° (SC-2000)
10 N {1.02 kgf}, 10 s
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf}, 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf}, 10 s
10 N {1.02 kgf} minimum
接点定格
Contact rating
Non-switching
Switching
Minimum
接触抵抗
Contact resistance
絶縁抵抗
Insulation resistance
耐電圧
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1 μA
1000 M
Ω (DC100 V) minimum
100 m
Ω maximum
AC250 V, 60 s
耐衝撃性
Shock
耐湿性
Humidity
耐久性
Load life
耐熱性
High temperature exposure
耐寒性
Low temperature exposure
温度サイクル
Thermal shock
振幅 (Amplitude) 1.5 mm(全振幅)or
加速度 (Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
85 °C, 96 h
抵抗負荷 Resistance load DC50V 100mA
40 °C,
相対湿度 Relative humidity 90 ~ 95 %, 240 h
20000 steps
DC5 V, 100 mA
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
耐溶剤性
(洗浄溶剤浸漬)
Solvent resistance
(Dipping)
溶剤:IPA(イソプロピアルコール)
溶剤温度:23 ± 5 °C
浸透時間:5 ± 0.5分
Solvent : IPA (Isopropyl alchol)
Temperature : 23 ± 5 °C
Time : 5 ± 0.5 minutes
■機械的特性
MECHANICAL CHARACTERISTICS
■環境特性
ENVIRONMENTAL CHARACTERISTICS
■電気的特性
ELECTRICAL CHARACTERISTICS
耐振性
Vibration
{ } : 参考値 Reference only
〈はんだ耐熱性評価用リフロープロファイル
Reflow profile for soldering heat evaluation〉
リフロー回数:2回 Reflow : two times maximum
Peak : 250
Over 230
°C
Pre Heating Zone
180
°C
(
°C)
250
200
150
100
50
150
°C
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
°C
+5
0
フロー:260
± 3 °Cの槽内に端子先
端から基板の裏面まで5∼6
秒間浸漬を2回
Flow : 260
± 3 °C as the temperature in
a pot of molten solder, immer-
sion from head of terminal to
backside of board 5 ~ 6 s, two
times maximum
手はんだ
Manual soldering:
380
± 10 °C, 3 ~ 4 s
リフロー:ピーク温度255 °C
(詳細は下記プロファイル参照)
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
手はんだ
Manual soldering:
350
± 10 °C, 3 ~ 4 s
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com