Electronic Components Datasheet Search
  English  ▼

X  

DS1307ZN Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1307ZN
Description  64 X 8 Serial Real Time Clock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1307ZN Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1307ZN Datasheet HTML 1Page - Dallas Semiconductor DS1307ZN Datasheet HTML 2Page - Dallas Semiconductor DS1307ZN Datasheet HTML 3Page - Dallas Semiconductor DS1307ZN Datasheet HTML 4Page - Dallas Semiconductor DS1307ZN Datasheet HTML 5Page - Dallas Semiconductor DS1307ZN Datasheet HTML 6Page - Dallas Semiconductor DS1307ZN Datasheet HTML 7Page - Dallas Semiconductor DS1307ZN Datasheet HTML 8Page - Dallas Semiconductor DS1307ZN Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS1307
2 of 11
OPERATION
The DS1307 operates as a slave device on the serial bus. Access is obtained by implementing a START
condition and providing a device identification code followed by a register address. Subsequent registers
can be accessed sequentially until a STOP condition is executed. When VCC falls below 1.25 x VBAT the
device terminates an access in progress and resets the device address counter. Inputs to the device will
not be recognized at this time to prevent erroneous data from being written to the device from an out of
tolerance system. When VCC falls below VBAT the device switches into a low current battery backup
mode. Upon power up, the device switches from battery to VCC when VCC is greater than VBAT +0.2V and
recognizes inputs when VCC is greater than 1.25 x VBAT. The block diagram in Figure 1 shows the main
elements of the Serial Real Time Clock.
DS1307 BLOCK DIAGRAM Figure 1
SIGNAL DESCRIPTIONS
VCC, GND - DC power is provided to the device on these pins. VCC is the +5 volt input. When 5 volts is
applied within normal limits, the device is fully accessible and data can be written and read. When a
3-volt battery is connected to the device and VCC is below 1.25 x VBAT, reads and writes are inhibited.
However, the Timekeeping function continues unaffected by the lower input voltage. As VCC falls below
VBAT the RAM and timekeeper are switched over to the external power supply (nominal 3.0V DC) at
VBAT.
VBAT - Battery input for any standard 3-volt lithium cell or other energy source. Battery voltage must be
held between 2.0 and 3.5 volts for proper operation. The nominal write protect trip point voltage at which
access to the real time clock and user RAM is denied is set by the internal circuitry as 1.25 x VBAT
nominal. A lithium battery with 48 mAhr or greater will back up the DS1307 for more than 10 years in
the absence of power at 25 degrees C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com