Electronic Components Datasheet Search
  English  ▼

X  

DS1330W Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1330W
Description  3.3V 256K Nonvolatile SRAM with Battery Monitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1330W Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1330W Datasheet HTML 1Page - Dallas Semiconductor DS1330W Datasheet HTML 2Page - Dallas Semiconductor DS1330W Datasheet HTML 3Page - Dallas Semiconductor DS1330W Datasheet HTML 4Page - Dallas Semiconductor DS1330W Datasheet HTML 5Page - Dallas Semiconductor DS1330W Datasheet HTML 6Page - Dallas Semiconductor DS1330W Datasheet HTML 7Page - Dallas Semiconductor DS1330W Datasheet HTML 8Page - Dallas Semiconductor DS1330W Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS1330W
022598 2/11
READ MODE
The DS1330W executes a read cycle whenever WE
(Write Enable) is inactive (high) and CE (Chip Enable)
and OE (Output Enable) are active (low). The unique
address specified by the 15 address inputs (A0 – A14)
defines which of the 32,768 bytes of data is to be
accessed. Valid data will be available to the eight data
output drivers within tACC (Access Time) after the last
address input signal is stable, providing that CE and OE
(Output Enable) access times are also satisfied. If OE
and CE access times are not satisfied, then data access
must be measured from the later occurring signal (CE or
OE) and the limiting parameter is either tCO for CE or tOE
for OE rather than address access.
WRITE MODE
The DS1330W excutes a write cycle whenever the WE
and CE signals are in the active (low) state after address
inputs are stable. The later occurring falling edge of CE
or WE will determine the start of the write cycle. The
write cycle is terminated by the earlier rising edge of CE
or WE. All address inputs must be kept valid throughout
the write cycle. WE must return to the high state for a
minimum recovery time (tWR) before another cycle can
be initiated. The OE control signal should be kept inac-
tive (high) during write cycles to avoid bus contention.
However, if the output drivers are enabled (CE and OE
active) then WE will disable the outputs in tODW from its
falling edge.
DATA RETENTION MODE
The DS1330W provides full functional capability for VCC
greater than 3.0 volts and write protects by 2.8 volts.
Data is maintained in the absence of VCC without any
additional support circuitry. The nonvolatile static RAMs
constantly monitor VCC. Should the supply voltage
decay, the NV SRAMs automatically write protect them-
selves, all inputs become “don’t care,” and all outputs
become high impedance. As VCC falls below approxi-
mately 2.5 volts, the power switching circuit connects
the lithium energy source to RAM to retain data. During
power–up, when VCC rises above approximately
2.5 volts, the power switching circuit connects external
VCC to the RAM and disconnects the lithium energy
source. Normal RAM operation can resume after VCC
exceeds 3.0 volts.
SYSTEM POWER MONITORING
The DS1330W has the ability to monitor the external
VCC power supply. When an out–of–tolerance power
supply condition is detected, the NV SRAM warns a pro-
cessor–based system of impending power failure by
asserting RST. On power up, RST is held active for 200
ms nominal to prevent system operation during pow-
er–on transients and to allow tREC to elapse. RST has
an open–drain output driver.
BATTERY MONITORING
The DS1330W automatically performs periodic battery
voltage monitoring on a 24 hour time interval. Such
monitoring begins within tREC after VCC rises above VTP
and is suspended when power failure occurs.
After each 24 hour period has elapsed, the battery is
connected to an internal 1 M
Ω test resistor for one
second. During this one second, if battery voltage falls
below the battery voltage trip point (2.6V), the battery
warning output BW is asserted. Once asserted, BW
remains active until the module is replaced. The battery
is still retested after each VCC power–up, however, even
if BW is active. If the battery voltage is found to be higher
than 2.6V during such testing, BW is de–asserted and
regular 24–hour testing resumes. BW has an open–
drain output driver.
FRESHNESS SEAL
Each DS1330W is shipped from Dallas Semiconductor
with its lithium energy source disconnected, guarantee-
ing full energy capacity. When VCC is first applied at a
level greater than VTP, the lithium energy source is
enabled for battery backup operation.
PACKAGES
The 34–pin PowerCap Module integrates SRAM
memory and nonvolatile control into a module base
along with contacts for connection to the lithium battery
in the DS9034PC PowerCap. The PowerCap Module
package design allows a DS1330W device to be sur-
face mounted without subjecting its lithium backup bat-
tery to destructive high–temperature reflow soldering.
After a DS1330W module base is reflow soldered, a
DS9034PC is snapped on top of the base to form a com-
plete Nonvolatile SRAM module. The DS9034PC is
keyed to prevent improper attachment. DS1330W mod-
ule bases and DS9034PC PowerCaps are ordered sep-
arately and shipped in separate containers. See the
DS9034PC data sheet for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com