Electronic Components Datasheet Search
  English  ▼

X  

A2001TP Datasheet(PDF) 5 Page - Newhaven Display International, Inc.

Part # A2001TP
Description  A2001 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

A2001TP Datasheet(HTML) 5 Page - Newhaven Display International, Inc.

  A2001TP Datasheet HTML 1Page - Newhaven Display International, Inc. A2001TP Datasheet HTML 2Page - Newhaven Display International, Inc. A2001TP Datasheet HTML 3Page - Newhaven Display International, Inc. A2001TP Datasheet HTML 4Page - Newhaven Display International, Inc. A2001TP Datasheet HTML 5Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A2001 SERIES
2.00mm pitch 90° Wafer
CHANGJIANG CONNECTORS TEL:86-755-29959119 29959129 FAX:86-755-29959139 Http://www.CJT.cn
Reference Informations:
*Material:Pin:Brass/Tin over Nickel
Insulator:Nylon 66,UL94V-0
*Mates with CJT A2001 series Housing
*Color:White
2.00mm pitch wire to board connector
A2001WVR
Unit: mm
Ordering Information & Dimensions:
A2001WVR-3P
A2001WVR-6P
A2001WVR-5P
A2001WVR-4P
A2001WVR-10P
A2001WVR-12P
A2001WVR-8P
A2001WVR-14P
Dimensions
AB
A2001WVR-2P
8.00
22.00
26.00
28.00
24.00
12.00
14.00
16.00
10.00
18.00
2.00
6.00
A2001WVR-16P
A2001WVR-18P
A2001WVR-17P
32.00
34.00
30.00
TYPE 1
TYPE 2
2.00±0.10
A±0.20
B±0.25
4.70±0.25
3.40±0.20
1.80±0.20
Circuit 1
PIN 0.50 SQ
P.C.B LAYOUT
2.00±0.05
Ø0.70±0.05
20.00
28.00
26.00
24.00
22.00
30.00
32.00
10.00
8.00
14.00
18.00
6.00
34.00
38.00
Ordering Information:
A2001WVR-XP - **
1
2
1.Part No.
2.Style:
(blank) :Type 1
2 :Type 2
PART NO.
36.00
A2001WVR-11P
A2001WVR-13P
A2001WVR-9P
A2001WVR-7P
A2001WVR-15P
4.00
12.00
16.00
20.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com