Electronic Components Datasheet Search
  English  ▼

X  

DS1337S Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1337S
Description  Serial Real-Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1337S Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1337S Datasheet HTML 5Page - Dallas Semiconductor DS1337S Datasheet HTML 6Page - Dallas Semiconductor DS1337S Datasheet HTML 7Page - Dallas Semiconductor DS1337S Datasheet HTML 8Page - Dallas Semiconductor DS1337S Datasheet HTML 9Page - Dallas Semiconductor DS1337S Datasheet HTML 10Page - Dallas Semiconductor DS1337S Datasheet HTML 11Page - Dallas Semiconductor DS1337S Datasheet HTML 12Page - Dallas Semiconductor DS1337S Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DS1337
13 of 13
START and STOP conditions are recognized as the beginning and end of a serial transfer (Figure 6).
The slave address byte is the first byte received after the master generates a START condition. The
slave address byte contains the 7-bit DS1337 address, which is 1101000, followed by the direction bit
(R/
W), which, for a read, is 1. After receiving and decoding the slave address byte the device outputs
an acknowledge on the SDA line. The DS1337 then begins to transmit data starting with the register
address pointed to by the register pointer. If the register pointer is not written to before the initiation
of a read mode the first address that is read is the last one stored in the register pointer. The DS1337
must receive a “not acknowledge” to end a read.
Figure 5. Data Write: Slave Receiver Mode
Figure 6. Data Read: Slave Transmitter Mode
CHIP INFORMATION
Transistor Count: 10,950
Process: CMOS
PACKAGE INFORMATION
For the latest package outline information, go to www.maxim-ic.com/dallaspackinfo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com