Electronic Components Datasheet Search
  English  ▼

X  

DS1350W Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1350W
Description  3.3V 4096K Nonvolatile SRAM with Battery Monitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1350W Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1350W Datasheet HTML 1Page - Dallas Semiconductor DS1350W Datasheet HTML 2Page - Dallas Semiconductor DS1350W Datasheet HTML 3Page - Dallas Semiconductor DS1350W Datasheet HTML 4Page - Dallas Semiconductor DS1350W Datasheet HTML 5Page - Dallas Semiconductor DS1350W Datasheet HTML 6Page - Dallas Semiconductor DS1350W Datasheet HTML 7Page - Dallas Semiconductor DS1350W Datasheet HTML 8Page - Dallas Semiconductor DS1350W Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1350W
022598 4/11
AC ELECTRICAL CHARACTERISTICS
(tA: See Note 10) (VCC=3.3V ±0.3V)
PARAMETER
SYMBOL
DS1350W–150
TYPE
UNITS
NOTES
PARAMETER
SYMBOL
MIN
MAX
TYPE
UNITS
NOTES
Read Cycle Time
tRC
150
ns
Access Time
tACC
150
ns
OE to Output Valid
tOE
70
ns
CE to Output Valid
tCO
150
ns
OE or CE to Output Active
tCOE
5
ns
5
Output High Z from Deselection
tOD
35
ns
5
Output Hold from Address
Change
tOH
5
ns
Write Cycle Time
tWC
150
ns
Write Pulse Width
tWP
100
ns
3
Address Setup Time
tAW
0
ns
Write Recovery Time
tWR1
tWR2
5
20
ns
12
13
Output High Z from WE
tODW
35
ns
5
Output Active from WE
tOEW
5
ns
5
Data Setup Time
tDS
60
ns
4
Data Hold Time
tDH1
tDH2
0
20
ns
12
13
READ CYCLE
tRC
tACC
VIH
VIL
VIH
VIL
VIH
VIL
tOH
VIH
tOD
tOD
VIH
VOH
VOL
VOH
VOL
tCOE
tCOE
OUTPUT
DATA VALID
DOUT
OE
ADDRESSES
VIH
VIH
tOE
VIL
VIL
CE
tCO
SEE NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com