Electronic Components Datasheet Search
  English  ▼

X  

LBN14073 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN14073
Description  140MHz SAW Filter 24.1MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN14073 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN14073 Datasheet HTML 1Page - SIPAT Co,Ltd LBN14073 Datasheet HTML 2Page - SIPAT Co,Ltd LBN14073 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN14073
Rev. Date
2005-11-29
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
24.1MHz Bandwidth
Part Number: LBN14073
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.875
140
140.125
Insertion Loss
dB
-
28.9
31
1.5 dB Bandwidth
MHz
24.1
24.24
-
24 dB Bandwidth
MHz
-
25.1
25.2
Passband Variation
dB
-
0.8
1.5
Ultimate Rejection
dB
40
45
-
Absolute Delay
usec
-
2.4
2.5
Material Temperature coefficient
KHz/°C
-11.48
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN14073

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBN14073 ETC2-LBN14073 Datasheet
136Kb / 3P
140MHz SAW Filter 24.1MHz Bandwidth
logo
SIPAT Co,Ltd
LBN14073 SIPAT-LBN14073 Datasheet
136Kb / 3P
140MHz SAW Filter 24.1MHz Bandwidth
More results

Similar Description - LBN14073

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBN14073 ETC2-LBN14073 Datasheet
136Kb / 3P
140MHz SAW Filter 24.1MHz Bandwidth
logo
SIPAT Co,Ltd
LBN09505 SIPAT-LBN09505 Datasheet
137Kb / 3P
95MHz SAW Filter 24.1MHz Bandwidth
LBN08025 SIPAT-LBN08025 Datasheet
147Kb / 3P
80MHz SAW Filter 24.1MHz Bandwidth
LBN12017 SIPAT-LBN12017 Datasheet
141Kb / 3P
120MHz SAW Filter 24.1MHz Bandwidth
LBN14073 SIPAT-LBN14073 Datasheet
136Kb / 3P
140MHz SAW Filter 24.1MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
140MHz SAW Filter 23.9MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBN140A69 SIPAT-LBN140A69 Datasheet
176Kb / 3P
140MHz SAW Filter 26MHz Bandwidth
LBN12017 SIPAT-LBN12017 Datasheet
146Kb / 3P
120MHz SAW Filter 24.1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com