Electronic Components Datasheet Search
  English  ▼

X  

DS1384 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1384
Description  Watchdog Timekeeping Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1384 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1384 Datasheet HTML 9Page - Dallas Semiconductor DS1384 Datasheet HTML 10Page - Dallas Semiconductor DS1384 Datasheet HTML 11Page - Dallas Semiconductor DS1384 Datasheet HTML 12Page - Dallas Semiconductor DS1384 Datasheet HTML 13Page - Dallas Semiconductor DS1384 Datasheet HTML 14Page - Dallas Semiconductor DS1384 Datasheet HTML 15Page - Dallas Semiconductor DS1384 Datasheet HTML 16Page - Dallas Semiconductor DS1384 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS1384
13 of 17
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance on all pins
(except DQ)
CI
715
pF
Capacitance on DQ pins
CDQ
715
pF
AC ELECTRICAL CHARACTERISTICS
(0°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE
at VIH before Power
Down
tPD
0µs
VPF (Max) to VPF (Min)
VCC Fall Time
tF
300
µs
VPF (Min) to VSO VCC Fall
Time
tFB
10
µs
VPF (Min) to VPF (Max)
VCC Rise Time
tR
0µs
Power Up
tREC
10
150
ms
Expected Data Retention
Time (Oscillator On)
tDR
10
years
7
READ CYCLE TIMING: RTC AND EXTERNAL SRAM CONTROL SIGNALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com