Electronic Components Datasheet Search
  English  ▼

X  

LBN14081 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN14081
Description  140MHz SAW Filter 20MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN14081 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN14081 Datasheet HTML 1Page - SIPAT Co,Ltd LBN14081 Datasheet HTML 2Page - SIPAT Co,Ltd LBN14081 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN14081
Rev. Date
2006-3-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
20MHz Bandwidth
Part Number:LBN14081
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.875
140
140.125
Insertion Loss
dB
-
27.9
30
1.5 dB Bandwidth
MHz
20.1
20.14
-
3 dB Bandwidth
MHz
-
20.41
-
40 dB Bandwidth
MHz
-
21.88
-
45 dB Bandwidth
MHz
-
21.98
22.05
50 dB Bandwidth
MHz
-
22.14
-
Passband Variation
dB
-
0.8
1.5
Absolute Delay
usec
-
2
2.4
Phase Linearity(f0±10MHz)
deg
-
8
-
Ultimate Rejection
dB
45
50
-
Material Temperature coefficient
KHz/°C
-13.16
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=18nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN14081

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14081 SIPAT-LBN14081 Datasheet
138Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
More results

Similar Description - LBN14081

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS15 SIPAT-LB140DS15 Datasheet
146Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN14062 SIPAT-LBN14062 Datasheet
138Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN14081 SIPAT-LBN14081 Datasheet
138Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN14090 SIPAT-LBN14090 Datasheet
137Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN140A14 SIPAT-LBN140A14 Datasheet
193Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN140A22 SIPAT-LBN140A22 Datasheet
194Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN140A29 SIPAT-LBN140A29 Datasheet
193Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN140A52 SIPAT-LBN140A52 Datasheet
190Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN14062 SIPAT-LBN14062 Datasheet
143Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
LBN14090 SIPAT-LBN14090 Datasheet
143Kb / 3P
140MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com