Electronic Components Datasheet Search
  English  ▼

X  

CSK640J3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CSK640J3
Description  6Amp. Schottky Barrier Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSK640J3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CSK640J3 Datasheet HTML 1Page - Cystech Electonics Corp. CSK640J3 Datasheet HTML 2Page - Cystech Electonics Corp. CSK640J3 Datasheet HTML 3Page - Cystech Electonics Corp. CSK640J3 Datasheet HTML 4Page - Cystech Electonics Corp. CSK640J3 Datasheet HTML 5Page - Cystech Electonics Corp. CSK640J3 Datasheet HTML 6Page - Cystech Electonics Corp. CSK640J3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C468J3
Issued Date : 2009.07.03
Revised Date :2010.07.29
Page No. : 2/7
CSK640J3
CYStek Product Specification
Maximum Ratings and Electrical Characteristics (Per Diode Leg)
(
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%.)
Parameter
Symbol
Limits
Units
Maximum Recurrent peak reverse voltage
VRRM
40
V
Maximum RMS voltage
VRMS
28
V
Maximum DC blocking voltage
VDC
40
V
Maximum instantaneous forward voltage at IF=3A
VF
0.55
V
Per Diode
3
Maximum Average forward rectified
current
Per Device
IF(AV)
A
6
Non-repetitive peak forward surge current @8.3ms single half sine
wave superimposed on rated load (JEDEC method)
IFSM
75
A
0.5
Maximum instantaneous reverse current at VR=40V, TA= 25℃
VR=40V, TA= 125℃
mA
IR
20
Maximum Thermal Resistance, Junction-to-case
RθJC
5
°C/W
Maximum Thermal Resistance, Junction-to-ambient
RθJA
125
°C/W
Storage temperature range
Tstg
-65 ~ +175
℃
Operating junction temperature range
TJ
-55 ~ +125
℃
Ordering Information
Device
Package
Shipping
Marking
TO-252
(Pb-free)
3000 pcs / Tape & Reel
CSK640J3
SK640
Recommended soldering footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com