Electronic Components Datasheet Search
  English  ▼

X  

LBN15014 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN15014
Description  137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN15014 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN15014 Datasheet HTML 1Page - SIPAT Co,Ltd LBN15014 Datasheet HTML 2Page - SIPAT Co,Ltd LBN15014 Datasheet HTML 3Page - SIPAT Co,Ltd LBN15014 Datasheet HTML 4Page - SIPAT Co,Ltd LBN15014 Datasheet HTML 5Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN15014
Rev. Date
2009-08-26
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/5
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
137.5&158.75MHz SAW Filter
5&12.5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN15014
Features
For IF SAW filter
High attenuation
Dual In-line Package
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
137.5
-
Insertion Loss
dB
-
26
28
1 dB Bandwidth
MHz
5
5.31
-
25 dB Bandwidth
MHz
-
6.85
7
30 dB Bandwidth
MHz
-
6.96
8
40 dB Bandwidth
MHz
-
7.13
8.5
Passband Variation
dB
-
0.4
1
Absolute Delay
usec
-
1.93
-
Ultimate Rejection
dB
45
52
-
Center Frequency
MHz
-
158.75
-
Insertion Loss
dB
-
26
28
1 dB Bandwidth
MHz
12.5
12.63
-
25 dB Bandwidth
MHz
-
14.32
14.5
30 dB Bandwidth
MHz
-
14.45
15.5
40 dB Bandwidth
MHz
-
14.64
16
Passband Variation
dB
-
0.7
1
Absolute Delay
usec
-
1.93
-
Ultimate Rejection
dB
45
52
-
Material Temperature coefficient
KHz/°C
-14.1
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;


Similar Part No. - LBN15014

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15014 SIPAT-LBN15014 Datasheet
273Kb / 5P
137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth
More results

Similar Description - LBN15014

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0137BA02305S ICST-SF0137BA02305S Datasheet
137Kb / 2P
137.5 MHz Filter
Rev 1.0
logo
SIPAT Co,Ltd
LBN15014 SIPAT-LBN15014 Datasheet
273Kb / 5P
137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth
logo
API Technologies Corp
SF0250BA03189S APITECH-SF0250BA03189S Datasheet
149Kb / 3P
249.6 MHz SAW Filter 5 MHz Bandwidth
SF0140BA02486S APITECH-SF0140BA02486S Datasheet
150Kb / 3P
140 MHz SAW Filter 5 MHz Bandwidth
SF0140BA02449S APITECH-SF0140BA02449S Datasheet
163Kb / 3P
140 MHz SAW Filter 5 MHz Bandwidth
SF0137BA02305S APITECH-SF0137BA02305S Datasheet
160Kb / 3P
137.5 MHz SAW Filter 1 MHz Bandwidth
SF0044BA01800T APITECH-SF0044BA01800T Datasheet
162Kb / 3P
44 MHz SAW Filter 5 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0350BA03152S SPECTRUM-SF0350BA03152S Datasheet
149Kb / 3P
350 MHz SAW Filter 5 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1581A TAI-SAW-TA1581A Datasheet
127Kb / 7P
SAW Filter 137.5 MHz
TB1141A TAI-SAW-TB1141A Datasheet
534Kb / 11P
SAW Filter 467.751MHz 12.5MHz BW (SMD 3.0횞3.0 mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com