Electronic Components Datasheet Search
  English  ▼

X  

CSOD120LSH Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # CSOD120LSH
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD120LSH Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  CSOD120LSH Datasheet HTML 1Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 2Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 3Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 4Page - Cystech Electonics Corp. CSOD120LSH Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C300SH
Issued Date : 2012.07.27
Revised Date
Page No. : 5/5
CSOD120LSH
CYStek Product Specification
SOD-123 Dimension
Style: Pin 1.Cathode 2.Anode
2-Lead SOD-123 Plastic
Surface Mounted Package
CYStek Package Code: SH
Marking:
SJ
12
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
1.050
1.250
0.041
0.049
E
2.600
2.800
0.102
0.110
A1
0.000
0.100
0.000
0.004
E1
3.550
3.850
0.140
0.152
A2
1.050
1.115
0.041
0.045
L
0.500 REF
0.020 REF
b
0.450
0.650
0.018
0.026
L1
0.250
0.450
0.010
0.018
c
0.080
0.150
0.003
0.006
θ
0°
8°
0°
8°
D
1.500
1.700
0.059
0.067
Notes: 1.Controlling dimension : millimeters.
2.Lead thickness specified per L/F drawing with solder plating.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com