Electronic Components Datasheet Search
  English  ▼

X  

DS9034PCX Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS9034PCX
Description  RAMified Watchdog Timekeeper
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS9034PCX Datasheet HTML 1Page - Dallas Semiconductor DS9034PCX Datasheet HTML 2Page - Dallas Semiconductor DS9034PCX Datasheet HTML 3Page - Dallas Semiconductor DS9034PCX Datasheet HTML 4Page - Dallas Semiconductor DS9034PCX Datasheet HTML 5Page - Dallas Semiconductor DS9034PCX Datasheet HTML 6Page - Dallas Semiconductor DS9034PCX Datasheet HTML 7Page - Dallas Semiconductor DS9034PCX Datasheet HTML 8Page - Dallas Semiconductor DS9034PCX Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS1386/1386P
3 of 20
PACKAGES
The DS1386 is available in two packages (32-pin DIP module and 34-pin PowerCap module). The 32-pin
DIP style module integrates the crystal, lithium energy source, and silicon all in one package. The 34-pin
PowerCap Module Board is designed with contacts for connection to a separate PowerCap (DS9034PCX)
that contains the crystal and battery. This design allows the PowerCap to be mounted on top of the
DS1386P after the completion of the surface mount process. Mounting the PowerCap after the surface
mount process prevents damage to the crystal and battery due to high temperatures required for solder
reflow. The PowerCap is keyed to prevent reverse insertion. The PowerCap Module Board and PowerCap
are ordered separately and shipped in separate containers. The part number for the PowerCap is
DS9034PCX.
OPERATION - READ REGISTERS
The DS1386 executes a read cycle whenever WE (Write Enable) is inactive (High), CE (Chip Enable)
and OE (Output Enable) are active (Low). The unique address specified by the address inputs (A0-A14)
defines which of the registers is to be accessed. Valid data will be available to the eight data output
drivers within tACC (Access Time) after the last address-input signal is stable, providing that CE and OE
access times are also satisfied. If OE and CE access times are not satisfied, then data access must be
measured from the latter occurring signal ( CE or OE ) and the limiting parameter is either tCO for CE or
tOE for OE rather than address access.
OPERATION - WRITE REGISTERS
The DS1386 is in the write mode whenever the WE (Write Enable) and CE (Chip Enable) signals are in
the active (Low) state after the address inputs are stable. The latter occurring falling edge of CE or WE
will determine the start of the write cycle. The write cycle is terminated by the earlier rising edge of CE
or WE . All address inputs must be kept valid throughout the write cycle. WE must return to the high state
for a minimum recovery state (tWR) before another cycle can be initiated. Data must be valid on the data
bus with sufficient Data Set-Up (tDS) and Data Hold Time (tDH) with respect to the earlier rising edge of
CE
or WE . The OE control signal should be kept inactive (High) during write cycles to avoid bus
contention. However, if the output bus has been enabled ( CE and OE active), then WE will disable the
outputs in tODW from its falling edge.
DATA RETENTION
The RAMified Timekeeper provides full functional capability when VCC is greater than 4.5 volts and
write-protects the register contents at 4.25 volts typical. Data is maintained in the absence of VCC without
any additional support circuitry. The DS1386 constantly monitors VCC. Should the supply voltage decay,
the RAMified Timekeeper will automatically write-protect itself and all inputs to the registers become
“don’t care.” The two interrupts INTA and INTB (INTB) and the internal clock and timers continue to run
regardless of the level of VCC. However, it is important to insure that the pull-up resistors used with the
interrupt pins are never pulled up to a value that is greater than VCC + 0.3V. As VCC falls below
approximately 3.0 volts, a power switching circuit turns the internal lithium energy source on to maintain
the clock and timer data and functionality. It is also required to insure that during this time (battery
backup mode), the voltage present at INTA and INTB (INTB) never exceeds 3.0V. During power-up,
when VCC rises above approximately 3.0 volts, the power switching circuit connects external VCC and
disconnects the internal lithium energy source. Normal operation can resume after VCC exceeds 4.5 volts
for a period of 200 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com