Electronic Components Datasheet Search
  English  ▼

X  

DS1395S Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1395S
Description  RAMified Real Time Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1395S Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1395S Datasheet HTML 1Page - Dallas Semiconductor DS1395S Datasheet HTML 2Page - Dallas Semiconductor DS1395S Datasheet HTML 3Page - Dallas Semiconductor DS1395S Datasheet HTML 4Page - Dallas Semiconductor DS1395S Datasheet HTML 5Page - Dallas Semiconductor DS1395S Datasheet HTML 6Page - Dallas Semiconductor DS1395S Datasheet HTML 7Page - Dallas Semiconductor DS1395S Datasheet HTML 8Page - Dallas Semiconductor DS1395S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS1395/DS1397
020794 2/19
PIN DESCRIPTIONS
VDD, VSS – Bus operational power is supplied to the part
via these pins. The voltage level present on these pins
should be monitored to transition between operational
power and battery power.
D0-D7 – Data Bus (bidirectional): Data is written into
the device from the data bus if either XRAM or RTC is
asserted during a write cycle at the rising edge of a WR
pulse. Data is read from the device and driven onto the
data bus if either XRAM or RTC is asserted during a
read cycle when the RD signal is low.
A0-A5 – Address Bus (input): Various internal regis-
ters of the device are selected by these lines. When
RTC is asserted, A0 selects between the indirect ad-
dress register and RTC data register. When the XRAM
is asserted, A0-A5 addresses a 32–byte page of RAM.
When A5 is high, the RAM page register is accessible.
When A5 is low, A0-A4 address the 32-byte page of
RAM.
RD - Read Strobe (input): Data is read from the se-
lected register and driven onto the data bus by the de-
vice when this line is low and either RTC or XRAM is as-
serted.
WR - Write Strobe (input): Data is written into the de-
vice from the data bus on the rising edge after a low
pulse on this line when the device has been selected by
either the XRAM or RTC signals.
STBY - Standby (input): Accesses to the device are
inhibited and outputs are tri-stated to a high impedance
state when this signal is asserted low. All data in RAM of
the device is preserved. The real time clock continues
to keep time.
If a read or write cycle is in progress when the STBY sig-
nal is asserted low, the internal cycle will be terminated
when either the external cycle completes or when the in-
ternal chip enable condition (VDD is 4.25 volts, typical) is
negated, whichever occurs first.
RTC - Real Time Clock Select (input): When this sig-
nal is asserted low, the real time clock registers are ac-
cessible. Registers are selected by the A0 line. Data is
driven onto the data bus when RD is low. Data is re-
ceived from the bus when WR is pulsed low and then
high.
SQW - Square Wave (output): Frequency selectable
output. Frequency is selected by setting register A bits
RS0-RS3. See Table 2 for frequencies that can be se-
lected.
XRAM - Extended RAM Select (input): When this sig-
nal is asserted low, the extended RAM bytes are acces-
sible. The XRAM page register is selected when the A5
address line is high. A 32-byte page of RAM is accessi-
ble when A5 is low. A0-A4 select the bytes within the
page of RAM pointed to by the page register. Data is
driven onto the data bus when RD is low. Data is re-
ceived from the bus when WR is pulsed low and then
high.
IRQ - Interrupt Request (output): The IRQ signal is an
active low, open drain output that is used as a processor
interrupt request. The IRQ output follows the state of
the IRQF bit (bit 7) in status register C. IRQ can be as-
serted by the alarm, update ended, or periodic interrupt
functions depending on the configuration of register B.
RESET - Reset (input): The reset signal is used to ini-
tialize certain registers to allow proper operation of the
RTC module. When RESET is low, the following oc-
curs.
1. The following register bits are cleared:
a. Periodic interrupt (PIE)
b. Alarm interrupt enable (AIE)
c. Update ended interrupt (UF)
d. Interrupt request flag (IRQF)
e. Periodic interrupt flag (PF)
f. Alarm interrupt flag (AF)
g. Square wave output enable (SQWE)
h. Update ended interrupt enable (UIE)
2. The IRQ pin is in the high impedance state.
3. The RTC is not processor accessible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com