Electronic Components Datasheet Search
  English  ▼

X  

CSOD0540SH Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CSOD0540SH
Description  0.5A surface mount Schottky diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD0540SH Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CSOD0540SH Datasheet HTML 1Page - Cystech Electonics Corp. CSOD0540SH Datasheet HTML 2Page - Cystech Electonics Corp. CSOD0540SH Datasheet HTML 3Page - Cystech Electonics Corp. CSOD0540SH Datasheet HTML 4Page - Cystech Electonics Corp. CSOD0540SH Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C291SH
Issued Date : 2009.12.22
Revised Date :
Page No. : 2/5
CSOD0540SH
CYStek Product Specification
Absolute Maximum Ratings (TA=25℃, unless otherwise noted)
Parameters
Conditions
Symbol Min
Typ
Max Units
Repetitive peak reverse voltage
VRRM
40
V
RMS voltage
VRMS
28
V
Continuous reverse voltage
VR
40
V
IO
0.5
Forward rectified current
Single phase half wave,
60Hz @TJ=25°C
IF(AV)
1
A
Forward surge current
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
IFSM
15
A
Thermal resistance
Junction to Ambient
RθJA
250
°C/W
Storage temperature range
Tstg
-65
175
°C
Operating junction temperature range
Tj
-55
125
°C
Characteristics (TA=25
°C)
Characteristic
Symbol
Condition
Min.
Typ
Max.
Unit
VR
IR=600
μA
40
-
-
V
VF 1
IF=100mA
-
-
370
Forward Voltage
VF 2
IF=500mA
-
-
500
mV
IR 1
VR=20V
-
-
100
μA
IR 2
VR=40V
-
-
500
μA
Reverse Leakage Current
IR 3
VR=40V, TA=75
°C
-
-
10
mA
Junction Capacitance
CJ
VR=4V, f=1MHz
-
18.3
-
pF
Ordering Information
Device
Package
Shipping
CSOD0540SH
SOD-123
(Pb-free package)
3000 pcs / Tape & Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com