Electronic Components Datasheet Search
  English  ▼

X  

LBN16019 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN16019
Description  160MHz SAW Filter 15MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN16019 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN16019 Datasheet HTML 1Page - SIPAT Co,Ltd LBN16019 Datasheet HTML 2Page - SIPAT Co,Ltd LBN16019 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN16019
Rev. Date
2004-12-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz SAW Filter
15MHz Bandwidth
Part Number: LBN16019
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
159.9
160
160.1
Insertion Loss
dB
24.5
26
1 dB Bandwidth
MHz
14.75
3 dB Bandwidth
MHz
15
15.19
40 dB Bandwidth
MHz
16.5
16.6
Passband Variation
dB
0.8
1.1
Absolute Delay
usec
2.26
3
Ultimate Rejection
dB
48
50
Subatrate Material
YZ-LiNbO3
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN16019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN16019 SIPAT-LBN16019 Datasheet
140Kb / 3P
160MHz SAW Filter 15MHz Bandwidth
More results

Similar Description - LBN16019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11536 SIPAT-LBN11536 Datasheet
187Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN16019 SIPAT-LBN16019 Datasheet
140Kb / 3P
160MHz SAW Filter 15MHz Bandwidth
LBN16045 SIPAT-LBN16045 Datasheet
138Kb / 3P
159.9MHz SAW Filter 15MHz Bandwidth
LBT13010 SIPAT-LBT13010 Datasheet
142Kb / 3P
130MHz SAW Filter 15MHz Bandwidth
LBT87301 SIPAT-LBT87301 Datasheet
169Kb / 3P
872.5MHz SAW Filter 15MHz Bandwidth
LBN11536 SIPAT-LBN11536 Datasheet
192Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN13902 SIPAT-LBN13902 Datasheet
195Kb / 3P
138.8MHz SAW Filter 15MHz Bandwidth
LBN16045 SIPAT-LBN16045 Datasheet
143Kb / 3P
159.9MHz SAW Filter 15MHz Bandwidth
LBT13010 SIPAT-LBT13010 Datasheet
142Kb / 3P
130MHz SAW Filter 15MHz Bandwidth
LBT87301 SIPAT-LBT87301 Datasheet
169Kb / 3P
872.5MHz SAW Filter 15MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com