Electronic Components Datasheet Search
  English  ▼

X  

DS1497 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1497
Description  RAMified Real Time Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1497 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1497 Datasheet HTML 3Page - Dallas Semiconductor DS1497 Datasheet HTML 4Page - Dallas Semiconductor DS1497 Datasheet HTML 5Page - Dallas Semiconductor DS1497 Datasheet HTML 6Page - Dallas Semiconductor DS1497 Datasheet HTML 7Page - Dallas Semiconductor DS1497 Datasheet HTML 8Page - Dallas Semiconductor DS1497 Datasheet HTML 9Page - Dallas Semiconductor DS1497 Datasheet HTML 10Page - Dallas Semiconductor DS1497 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DS1495/DS1497
020894 7/19
TIME, CALENDAR AND ALARM DATA MODES Table 1
ADDRESS
FUNCTION
DECIMAL
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA MODE
BCD DATA MODE
0
Seconds
0-59
00-3B
00-59
1
Seconds Alarm
0-59
00-3B
00-59
2
Minutes
0-59
00-3B
00-59
3
Minutes Alarm
0-59
00-3B
00-59
4
Hours-12-hr Mode
1-12
01-0C AM, 81-8C PM
01-12AM,81-92PM
Hours-24-hr Mode
0-23
00-17
00-23
5
Hours Alarm-12-hr
1-12
01-0C AM, 81-8C PM
01-12AM,81-92PM
Hours Alarm-24-hr
0-23
00-17
00-23
6
Day of the Week
Sunday = 1
1-7
01-07
01-07
7
Date of the Month
1-31
01-1F
01-31
8
Month
1-12
01-0C
01-12
9
Year
0-99
00-63
00-99
INTERRUPTS
The RTC plus RAM includes three separate, fully auto-
matic sources of interrupt for a processor. The alarm in-
terrupt can be programmed to occur at rates from once
per second to once per day. The periodic interrupt can
be selected for rates from 500 ms to 122
µs. The up-
date-ended interrupt can be used to indicate to the pro-
gram that an update cycle is complete. Each of these
independent interrupt conditions is described in greater
detail in other sections of this text.
The application program can select which interrupts, if
any, are going to be used. Three bits in Register B en-
able the interrupts. Writing a logic 1 to an interrupt-en-
able bit permits that interrupt to be initiated when the
event occurs. A logic 0 in an interrupt-enable bit prohib-
its the IRQ pin from being asserted from that interrupt
condition. If an interrupt flag is already set when an in-
terrupt is enabled, IRQ is immediately set at an active
level, although the interrupt initiating the event may
have occurred much earlier. As a result, there are cases
where the program should clear such earlier initiated in-
terrupts before first enabling new interrupts.
When an interrupt event occurs, the relating flag bit is
set to logic 1 in Register C. These flag bits are set inde-
pendent of the state of the corresponding enable bit in
Register B. The flag bit can be used in a polling mode
without enabling the corresponding enable bits. When a
flag is set, an indication is given to software that an inter-
rupt event has occurred since the flag bit was last read.
However, care should be taken when using the flag bits
as they are cleared each time Register C is read.
Double latching is included with Register C so that bits
which are set remain stable throughout the read cycle.
All bits which are set (high) are cleared when read and
new interrupts which are pending during the read cycle
are held until after the cycle is completed. One, two, or
three bits can be set when reading Register C. Each uti-
lized flag bit should be examined when read to ensure
that no interrupts are lost.
The alternative flag bit usage method is with fully en-
abled interrupts. When an interrupt flag bit is set and the
corresponding interrupt enable bit is also set, the IRQ
pin is asserted low. IRQ is asserted as long as at least
one of the three interrupt sources has its flag and enable
bits both set. The IRQF bit in Register C is a one when-
ever the IRQ pin is being driven low. Determination that
the RTC initiated an interrupt is accomplished by read-
ing Register C. A logic one in bit 7 (IRQF bit) indicates
that one or more interrupts have been initiated by the
DS1495/DS1497. The act of reading Register C clears
all active flag bits and the IRQF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com