Electronic Components Datasheet Search
  English  ▼

X  

CSOD1100SH Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CSOD1100SH
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD1100SH Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CSOD1100SH Datasheet HTML 1Page - Cystech Electonics Corp. CSOD1100SH Datasheet HTML 2Page - Cystech Electonics Corp. CSOD1100SH Datasheet HTML 3Page - Cystech Electonics Corp. CSOD1100SH Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C338SH
Issued Date : 2009.04.03
Revised Date :2010.12.10
Page No. : 2/4
CSOD120-1100SH
CYStek Product Specification
Characteristic Curves
Fig. 1 Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
200
Case Temperature---TC(℃)
resistive or inductive load
0.375"(9.5mm) lead length
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
0
5
10
15
20
25
30
110
Number of cycles at 60Hz
100
Fig 3. Forward Characteristics
10
100
1000
10000
100000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
Fig. 4 Typical Reverse Characteristics
0.1
1
10
100
1000
10000
0
10
203040
5060
Reverse Voltage---VR(V)
Tj=75℃
Tj=25℃
Tj=125℃
Fig. 5 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Vsig=50mVp-p
Fig. 6 Typical Transient Thermal
Impedance
0.1
1
10
100
0.01
0.1
1
10
100
Pulse Duration---t(s)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com