Electronic Components Datasheet Search
  English  ▼

X  

DS9034PCX Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS9034PCX
Description  256K NV Y2KC Timekeeping RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS9034PCX Datasheet HTML 1Page - Dallas Semiconductor DS9034PCX Datasheet HTML 2Page - Dallas Semiconductor DS9034PCX Datasheet HTML 3Page - Dallas Semiconductor DS9034PCX Datasheet HTML 4Page - Dallas Semiconductor DS9034PCX Datasheet HTML 5Page - Dallas Semiconductor DS9034PCX Datasheet HTML 6Page - Dallas Semiconductor DS9034PCX Datasheet HTML 7Page - Dallas Semiconductor DS9034PCX Datasheet HTML 8Page - Dallas Semiconductor DS9034PCX Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS1554
4 of 21
DS1554 OPERATING MODES Table 1
VCC
CE
OE
WE
DQ0-DQ7
MODE
POWER
VIH
X
X
HIGH-Z
DESELECT
STANDBY
VIL
XVIL
DIN
WRITE
ACTIVE
VIL
VIL
VIH
DOUT
READ
ACTIVE
VCC > VPF
VIL
VIH
VIH
HIGH-Z
READ
ACTIVE
VSO < VCC <VPF
X
X
X
HIGH-Z
DESELECT
CMOS STANDBY
<VBAT
X
X
X
HIGH-Z
DATA
RETENTION
BATTERY
CURRENT
DATA READ MODE
The DS1554 is in the read mode whenever CE (chip enable) is low and WE (write enable) is high. The
device architecture allows ripple-through access to any valid address location. Valid data will be available
at the DQ pins within tAA after the last address input is stable, providing that CE and OE access times are
satisfied. If CE or OE access times are not met, valid data will be available at the latter of chip enable
access (tCEA) or at output enable access time (tOEA). The state of the data input/output pins (DQ) is
controlled by CE and OE . If the outputs are activated before tAA, the data lines are driven to an
intermediate state until tAA. If the address inputs are changed while CE and OE remain valid, output data
will remain valid for output data hold time (tOH ) but will then go indeterminate until the next address
access.
DATA WRITE MODE
The DS1554 is in the write mode whenever WE and CE are in their active state. The start of a write is
referenced to the latter occurring transition of WE or CE . The addresses must be held valid throughout
the cycle. CE and WE must return inactive for a minimum of tWR prior to the initiation of a subsequent
read or write cycle. Data in must be valid tDS prior to the end of the write and remain valid for tDH
afterward. In a typical application, the OE signal will be high during a write cycle. However, OE can be
active provided that care is taken with the data bus to avoid bus contention. If OE is low prior to WE
transitioning low, the data bus can become active with read data defined by the address inputs. A low
transition on WE will then disable the outputs tWEZ after WE goes active.
DATA RETENTION MODE
The 5-volt device is fully accessible and data can be written and read only when VCC is greater than VPF.
However, when VCC is below the power-fail point VPF (point at which write protection occurs) the
internal clock registers and SRAM are blocked from any access. When VCC falls below the battery switch
point VSO (battery supply level), device power is switched from the VCC pin to the internal backup lithium
battery. RTC operation and SRAM data are maintained from the battery until VCC is returned to nominal
levels.
The 3.3-volt device is fully accessible and data can be written and read only when VCC is greater than
VPF.
When VCC falls below VPF, access to the device is inhibited. If VPF is less than VBAT, the device
power is switched from VCC to the internal backup lithium battery when VCC drops below VPF. If VPF is
greater than VBAT, the device power is switched from VCC to the internal backup lithium battery when
VCC drops below VBAT. RTC operation and SRAM data are maintained from the battery until VCC is
returned to nominal levels.
All control, data, and address signals must be powered down when VCC is powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com