Electronic Components Datasheet Search
  English  ▼

X  

DS1616S Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1616S
Description  Temperature and Three Input MUX?셞d 8-bit Data Recorder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1616S Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1616S Datasheet HTML 17Page - Dallas Semiconductor DS1616S Datasheet HTML 18Page - Dallas Semiconductor DS1616S Datasheet HTML 19Page - Dallas Semiconductor DS1616S Datasheet HTML 20Page - Dallas Semiconductor DS1616S Datasheet HTML 21Page - Dallas Semiconductor DS1616S Datasheet HTML 22Page - Dallas Semiconductor DS1616S Datasheet HTML 23Page - Dallas Semiconductor DS1616S Datasheet HTML 24Page - Dallas Semiconductor DS1616S Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DS1616
21 of 29
of samples since the Sample Rate register was written to a non-0 value). The Total Samples Counter
counts the total number of samples that have been recorded in the life of the device (assuming the lithium
energy source has not been removed during that time). If the end user knows the value in the Total
Samples Counter before the data acquisition operation is started, he can guarantee that the DS1616 has
not been cleared. If the Current Samples count equals the difference between the ending value and
beginning value of the Total Samples Counter, then the DS1616 data has not been cleared during that
time frame.
As a fourth security measure, changing any value in the RTC and Control registers (with the exception of
the Status registers) will stop datalogging and clear the Mission-in-Progress (MIP) bit.
SERIAL INTERFACE
The DS1616 provides two different serial communications options; asynchronous and synchronous. Both
communications options transmit the data LSb First/MSb last.
The mode of communication is selected via the COMSEL pin. When this pin is pulled high, the DS1616
operates in synchronous mode. In this mode, communication with the DS1616 is facilitated by the
SCLK, I/O, and RST pins. When COMSEL is pulled low or floated, asynchronous communications is
selected and communication with the device occurs over the TX and RX pins. The operation of each
mode is discussed in further detail below.
Asynchronous Communication
In asynchronous mode, the DS1616 operates as a slave peripheral device which is read and written over a
half duplex asynchronous data interface at the fixed rate of 9,600 bits per second. Data is received and
transmitted in 8-bit bytes using a standard asynchronous serial communications format as shown in
Figure 3. This format is easily generated by the UART in most systems. The DS1616 data format
implements 10-bit words including 1 start bit, 8 data bits, and 1 stop bit. Data is received by the DS1616
on the RX pin and transmitted by the TX pin.
COMMUNICATION WORD FORMAT Figure 3
Synchronous Communication
Synchronous communication is accomplished over the 3-wire bus which is composed of three signals.
These are the RST (reset), the SCLK (serial clock), and I/O (data I/O) pins. The 3-wire bus operates at a
maximum data rate of 2 Mbps. All data transfers are initiated by driving the RST input high and are
terminated by driving RST low. (See Figures 6 and 7.) A clock cycle is a sequence of a falling edge
followed by a rising edge. For data inputs, the data must be valid during the rising edge. Data bits are
output on the falling edge of the clock and remain valid through the rising edge.
When reading data from the DS1616, the I/O pin goes to a high impedance state when the clock is high.
Taking RST low will terminate any communication and cause the I/O pin to go to a high impedance state.
D0
D1
D2
D3
D4
D5
D6
D7
START
BIT
DATA
BITS
STOP
BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com