Electronic Components Datasheet Search
  English  ▼

X  

DS1621 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1621
Description  Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1621 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1621 Datasheet HTML 7Page - Dallas Semiconductor DS1621 Datasheet HTML 8Page - Dallas Semiconductor DS1621 Datasheet HTML 9Page - Dallas Semiconductor DS1621 Datasheet HTML 10Page - Dallas Semiconductor DS1621 Datasheet HTML 11Page - Dallas Semiconductor DS1621 Datasheet HTML 12Page - Dallas Semiconductor DS1621 Datasheet HTML 13Page - Dallas Semiconductor DS1621 Datasheet HTML 14Page - Dallas Semiconductor DS1621 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS1621
11 of 16
102299
measurement will be completed and the DS1621 will remain idle until a Start Convert T is issued to
resume continuous operation.
DS1621 COMMAND SET Table 3
INSTRUCTION
DESCRIPTION
PROTOCOL
2-WIRE BUS DATA
AFTER ISSUING
PROTOCOL
NOTES
TEMPERATURE CONVERSION COMMANDS
Read Temperature
Read last converted temperature
value from temperature register.
AAh
<read 2 bytes data>
Read Counter
Reads value of count remaining
from counter.
A8h
<read data>
Read Slope
Reads value of the slope
accumulator.
A9h
<read data>
Start Convert T
Initiates temperature
conversion.
EEh
idle
1
Stop Convert T
Halts temperature conversion.
22h
idle
1
THERMOSTAT COMMANDS
Access TH
Reads or writes high
temperature limit value into TH
register.
A1h
<write data>
2
Access TL
Reads or writes low
temperature limit value into TL
register.
A2h
<write data>
2
Access Config
Reads or writes configuration
data to configuration register.
ACh
<write data>
2
NOTES:
1. In continuous conversion mode a Stop Convert T command will halt continuous conversion. To
restart the Start Convert T command must be issued. In one–shot mode a Start Convert T command
must be issued for every temperature reading desired.
2. Writing to the E
2 typically requires 10ms at room temperature. After issuing a write command, no
further writes should be requested for at least 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com