Electronic Components Datasheet Search
  English  ▼

X  

EF20C01 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # EF20C01
Description  20Amp. Glass Passivated Efficient Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

EF20C01 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  EF20C01 Datasheet HTML 1Page - Cystech Electonics Corp. EF20C01 Datasheet HTML 2Page - Cystech Electonics Corp. EF20C01 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C750E3
Issued Date : 2006.07.26
Revised Date :
Page No. : 1/3
EF20CXXE3
CYStek Product Specification
20Amp. Glass Passivated Efficient Fast Recovery Rectifiers
EF20CXXE3 Series
Features
• Fast switching for high efficiency
• Low forward voltage drop
• High current capability
• Low reverse leakage current
• High surge current capability
Mechanical Data
• Case: Molded plastic, TO-220AB
• Terminals: Solderrable per MIL-STD-202 method 208
• Epoxy: UL 94V-0 rate flame retardant
• Mounting Position: Any
• Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%.)
Type
Parameter
Symbol
EF
20C01
EF
20C02
EF
20C03
EF
20C04
EF
20C05
EF
20C06
Units
Maximum Recurrent peak reverse
voltage
VRRM
50
100
200
300
400
600
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
V
Maximum instantaneous forward
voltage@ IF=10A
VF
0.975
1.3
1.7
V
Maximum Average forward rectified
current @ TC=125℃
I(AV)
20
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
150
125
A
Maximum DC reverse current
VR=VRRM,TJ=25℃
VR=VRRM,TJ=150℃
IR
10
500
µA
Diode junction capacitance @
f=1MHz and applied 4V reverse
voltage
CJ
120
70
pF
Maximum reverse recovery time@
IF=0.5A, IR=1A, Irr=0.25A
trr
25
35
ns
Storage temperature
Tstg
-55 ~ +150
℃
Operating temperature
TJ
-55 ~ +150
℃


Similar Part No. - EF20C01

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
EF20C02C YENYO-EF20C02C Datasheet
873Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF20C02CF YENYO-EF20C02CF Datasheet
821Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF20C03CF YENYO-EF20C03CF Datasheet
821Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF20C05CF YENYO-EF20C05CF Datasheet
821Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF20C06CF YENYO-EF20C06CF Datasheet
821Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
More results

Similar Description - EF20C01

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
EF10C01C-G COMCHIP-EF10C01C-G Datasheet
73Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EF8A02 YENYO-EF8A02 Datasheet
844Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
MUR805 YENYO-MUR805 Datasheet
837Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
logo
Cystech Electonics Corp...
EF10CXXE3 CYSTEKEC-EF10CXXE3 Datasheet
189Kb / 3P
10Amp. Glass Passivated Efficient Fast Recovery Rectifiers
logo
YENYO TECHNOLOGY Co., L...
EF10C01C YENYO-EF10C01C Datasheet
885Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF10C01CF YENYO-EF10C01CF Datasheet
949Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF20C02CF YENYO-EF20C02CF Datasheet
821Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF101G YENYO-EF101G Datasheet
753Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF201G YENYO-EF201G Datasheet
746Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
EF301G YENYO-EF301G Datasheet
749Kb / 2P
Glass Passivated Efficient Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com