Electronic Components Datasheet Search
  English  ▼

X  

EM5103 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # EM5103
Description  3A Low Dropout LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

EM5103 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  EM5103 Datasheet HTML 1Page - Cystech Electonics Corp. EM5103 Datasheet HTML 2Page - Cystech Electonics Corp. EM5103 Datasheet HTML 3Page - Cystech Electonics Corp. EM5103 Datasheet HTML 4Page - Cystech Electonics Corp. EM5103 Datasheet HTML 5Page - Cystech Electonics Corp. EM5103 Datasheet HTML 6Page - Cystech Electonics Corp. EM5103 Datasheet HTML 7Page - Cystech Electonics Corp. EM5103 Datasheet HTML 8Page - Cystech Electonics Corp. EM5103 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C554QP
Issued Date : 2010.11.17
Revised Date :
Page No. : 2/12
EM5103
CYStek Product Specification
Typical Application Circuit
PSOP-8
DFN3×3-10L
Pin Assignment
Pin No.
Pin Name PSOP-8 DFN3×3-10L
Pin Function
POK
1
5
Power OK Indication. POK is an open-drain output. An external pull high
resistor connected to this pin is required.
EN
2
6
Enable Input. Pulling the pin below 0.4V turns the regulator off.
VIN
3
7,8,9
Input Voltage. This is the drain input to the power device that supplies
current to the output pin. VIN cannot be forced higher than VCNTL.
CNTL
4
10
Supply Input for Control Circuit. CNTL provides supply voltage to the
control circuitry and driver for the pass transistor. The driving capability
of output current is proportioned to the VCNTL. For the device to regulate,
the voltage on this pin must be at least 2.0V greater than the output voltage,
and no less than VCNTL_MIN.
NC
5
-
No Connection inside chip.
VOUT
6
1,2,3
Output Voltage. VOUT is power output pin. An internal pull low resistance
exists when the device is disabled. Minimum 22μF low ESR ceramic
holding capacitor is required at this pin for stabilizing VOUT voltage.
FB
7
4
Feedback Voltage. FB is the inverting input to the error amplifier. A
resistor divider from the output to GND is used to set the regulation voltage
as VOUT = (1 + R1/R2) × 0.8V (V). This pin has high impedance and should
be kept from noisy source to guarantee stable operation.
GND
8
11
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com