Electronic Components Datasheet Search
  English  ▼

X  

DS1631 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1631
Description  256k NV SRAM with Phantom Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1631 Datasheet HTML 1Page - Dallas Semiconductor DS1631 Datasheet HTML 2Page - Dallas Semiconductor DS1631 Datasheet HTML 3Page - Dallas Semiconductor DS1631 Datasheet HTML 4Page - Dallas Semiconductor DS1631 Datasheet HTML 5Page - Dallas Semiconductor DS1631 Datasheet HTML 6Page - Dallas Semiconductor DS1631 Datasheet HTML 7Page - Dallas Semiconductor DS1631 Datasheet HTML 8Page - Dallas Semiconductor DS1631 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS1244/DS1244P
2 of 19
PIN DESCRIPTION
A0–A14
- Address Inputs
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- Power-Supply Input
GND
- Ground
DQ0–DQ7
- Data In/Data Out
N.C.
- No Connection
X1, X2
- Crystal Connection
VBAT
- Battery Connection
RST
- Reset
TYPICAL OPERATING CIRCUIT
ORDERING INFORMATION
PART
PIN-PACKAGE
TEMP RANGE
TOP MARK
DS1244Y-70
28-Module (740mil)
0°C to +70°C
DS1244Y-70
DS1244YP-70
34-PowerCap*
0°C to +70°C
DS1244YP-70
DS1244W-120
28-Module (740mil)
0°C to +70°C
DS1244W-120
DS1244W-120IND
28-Module (740mil)
-40°C to +85°C
DS1244W-120IND
DS1244WP-120
34-PowerCap*
0°C to +70°C
DS1244WP-120
DS1244WP-120IND 34-PowerCap*
-40°C to +85°C
DS1244WP-120IND
*
DS9034PCX (PowerCap) Required. (Must be ordered separately.)
DESCRIPTION
The DS1244 256k NV SRAM with a Phantom clock is a fully static nonvolatile RAM (NV SRAM)
(organized as 32k words by 8 bits) with a built-in real-time clock. The DS1244 has a self-contained
lithium energy source and control circuitry, which constantly monitors VCC for an out-of-tolerance
condition. When such a condition occurs, the lithium energy source is automatically switched on and
write protection is unconditionally enabled to prevent garbled data in both the memory and real-time
clock.
The phantom clock provides timekeeping information for hundredths of seconds, seconds, minutes, hours,
days, date, months, and years. The date at the end of the month is automatically adjusted for months with
fewer than 31 days, including correction for leap years. The phantom clock operates in either 24-hour or
12-hour format with an AM/PM indicator.
PACKAGES
The DS1244 is available in two packages: 28-pin DIP and 34-pin PowerCap module. The 28-pin DIP-
style module integrates the crystal, lithium energy source, and silicon all in one package. The 34-pin
PowerCap module board is designed with contacts for connection to a separate PowerCap (DS9034PCX)
that contains the crystal and battery. This design allows the PowerCap to be mounted on top of the
DS1244P after the completion of the surface mount process. Mounting the PowerCap after the surface
mount process prevents damage to the crystal and battery due to the high temperatures required for solder
reflow. The PowerCap is keyed to prevent reverse insertion. The PowerCap module board and PowerCap
are ordered separately and shipped in separate containers. The part number for the Powercap is
DS9034PCX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com