Electronic Components Datasheet Search
  English  ▼

X  

FP0001 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FP0001
Description  Metal Film Resistors, Industrial, Flameproof
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP0001 Datasheet(HTML) 3 Page - Vishay Siliconix

  FP0001 Datasheet HTML 1Page - Vishay Siliconix FP0001 Datasheet HTML 2Page - Vishay Siliconix FP0001 Datasheet HTML 3Page - Vishay Siliconix FP0001 Datasheet HTML 4Page - Vishay Siliconix FP0001 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
End of Life - August 2013
FP
www.vishay.com
Vishay Dale
Revision: 01-Feb-13
3
Document Number: 31020
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPEC CODES
GLOBAL
MODEL
SPEC
RESISTOR
TOLERANCE
DESCRIPTION
FP01/2
5605
1, 2, 5, 10
Color banded, 4 or 5 bands depending on tolerance
5610
1, 2, 5, 10
Alphanumeric marking
FP0001
6200
2, 5, 10
Color banded, 4 bands
6201
1
Color banded, 5 bands
FP0032
6601
1
Color banded, 5 bands
6602
2, 5, 10
Color banded, 4 bands
FP0002
9251
1, 2, 5, 10
Alphanumeric marking
FP0042
9201
1
Color banded, 5 bands
9202
2, 5, 10
Color banded, 4 bands
FP0003
9300
1, 2, 5, 10
Alphanumeric marking
9320
2, 5, 10
Color banded, 4 bands
9330
1
Color banded, 5 bands
FP0004
9400
1, 2, 5, 10
Alphanumeric marking
FP0005
9500
1, 2, 5, 10
Alphanumeric marking
FP0007
9700
1, 2, 5, 10
Alphanumeric marking
FP0010
9800
1, 2, 5, 10
Alphanumeric marking
FP0067
9550
1, 2, 5, 10
Alphanumeric marking
FP0069
7500
1, 2, 5, 10
Alphanumeric marking
7536
2, 5, 10
Color banded, 4 bands
7538
1
Color banded, 5 bands
MARKING
- DALE
- Value
- Tolerance
- Model and case size
(Date and source code included on some styles)
± 1 % tolerance parts are marked with 5 color bands.
5 bands, EIA Standard RS196.
± 2 %, ± 5 % and ± 10 % tolerance parts are marked with
4 color bands. 4 band commercial, EIA Standard.
Third significant figure
Multiplier Tolerance, 1-1/2 times size
First significant figure
Second significant figure
Multiplier
Tolerance
First significant figure
Second significant figure



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com