Electronic Components Datasheet Search
  English  ▼

X  

FP0032 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FP0032
Description  Metal Film Resistors, Industrial, Flameproof
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP0032 Datasheet(HTML) 2 Page - Vishay Siliconix

  FP0032 Datasheet HTML 1Page - Vishay Siliconix FP0032 Datasheet HTML 2Page - Vishay Siliconix FP0032 Datasheet HTML 3Page - Vishay Siliconix FP0032 Datasheet HTML 4Page - Vishay Siliconix FP0032 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
End of Life - August 2013
FP
www.vishay.com
Vishay Dale
Revision: 01-Feb-13
2
Document Number: 31020
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Lead length for product in strip pack. For product supplied in Tape and Reel, the actual lead length would be based on body size, tape
spacing and lead trim.
(2) Clean lead to clean lead dimensions on FP1/2 are 0.347" (11.10 mm) maximum.
DERATING
DIMENSIONS in inches (millimeters)
GLOBAL
MODEL
AB
D
FP01/2
0.360 ± 0.020 (9.14 ± 0.51) (2)
0.138 + 0.012 - 0.023 (3.51 + 0.31 - 0.58)
0.032 ± 0.002 (0.81 ± 0.05)
FP0001
0.560 ± 0.031 (14.22 ± 0.79)
0.190 + 0.005 - 0.030 (4.83 + 0.13 - 0.76)
0.032 ± 0.002 (0.81 ± 0.05)
FP0032
0.560 ± 0.031 (14.22 ± 0.79)
0.190 + 0.005 - 0.030 (4.83 + 0.13 - 0.76)
0.040 ± 0.002 (1.02 ± 0.05)
FP0002
0.687 ± 0.031 (17.45 ± 0.79)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0042
0.687 ± 0.031 (17.45 ± 0.79)
0.300 ± 0.020 (7.62 ± 0.51)
0.045 ± 0.002 (1.14 ± 0.05)
FP0003
0.900 ± 0.031 (22.86 ± 0.79)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0004
1.530 ± 0.035 (38.86 ± 0.89)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0005
1.710 ± 0.035 (43.43 ± 0.89)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0007
2.040 ± 0.035 (51.82 ± 0.89)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0010
2.040 ± 0.035 (51.82 ± 0.89)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0067
0.900 ± 0.031 (22.86 ± 0.79)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0069
0.516 ± 0.021 (13.11 ± 0.53)
0.225 ± 0.012 (5.72 ± 0.31)
0.032 ± 0.002 (0.81 ± 0.05)
B
A
1.500 ± 0.125
(1)
(38.10 ± 3.18)
D
AMBIENT TEMPERATURE
°C
FP0001, FP0002, FP0003,
FP0004, FP0005, FP0007
FP01/2
FP0032
FP0042
100
80
60
40
20
0
50
100
150
200
250
70
0
50
100
150
200
250
100
80
60
40
20
FP0069
3 W
2 W
0.6 W
70
AMBIENT TEMPERATURE
°C
40
FP0010
0
50
100
150
200
250
100
80
60
40
20
AMBIENT TEMPERATURE
°C
0
50
100
150
200
250
100
80
60
40
20
FP0067
5 W
4 W
3 W
AMBIENT TEMPERATURE
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com