Electronic Components Datasheet Search
  English  ▼

X  

DS1666 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1666
Description  Audio Digital Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1666 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1666 Datasheet HTML 1Page - Dallas Semiconductor DS1666 Datasheet HTML 2Page - Dallas Semiconductor DS1666 Datasheet HTML 3Page - Dallas Semiconductor DS1666 Datasheet HTML 4Page - Dallas Semiconductor DS1666 Datasheet HTML 5Page - Dallas Semiconductor DS1666 Datasheet HTML 6Page - Dallas Semiconductor DS1666 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS1666, DS1666S
022698 4/7
ABSOLUTE MAXIMUM RATINGS*
Voltage on CS, INC, U/D, and VCC Relative to Ground –0.5V to +7.0V
Voltage on VH, VL, and VW Relative to Ground
–6.5V to +6.5V
Voltage on VB
–6.5V to Ground
Operating Temperature
–40
°C to +85°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(–40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+4.5
5.0
5.5
V
1
Input Logic 1
VIH
2.0
VCC+0.5
V
1
Input Logic 0
VIL
–0.5
+0.8
V
1
VH, VL, VW Voltage
VR
VB–0.3
VCC+0.3
V
1
VB Voltage
VB
–5.5
GND
V
1
DC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; V
CC = 5.0V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
0.1
5
mA
3
Input Leakage
ILI
–1
+1
µA
2
Wiper Resistance
RW
350
650
Ω
Wiper Current
IW
1
mA
3
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
CONDITION
TYP
MAX
UNITS
NOTES
Capacitance
CIN
tA=25°C
6
10
pF
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com