Electronic Components Datasheet Search
  English  ▼

X  

DS1667 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1667
Description  Digital Resistor with OP AMP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1667 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1667 Datasheet HTML 1Page - Dallas Semiconductor DS1667 Datasheet HTML 2Page - Dallas Semiconductor DS1667 Datasheet HTML 3Page - Dallas Semiconductor DS1667 Datasheet HTML 4Page - Dallas Semiconductor DS1667 Datasheet HTML 5Page - Dallas Semiconductor DS1667 Datasheet HTML 6Page - Dallas Semiconductor DS1667 Datasheet HTML 7Page - Dallas Semiconductor DS1667 Datasheet HTML 8Page - Dallas Semiconductor DS1667 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS1667
2 of 10
same. The DS1667 also contains two high gain wide bandwidth operational amplifiers. Each amplifier
has both the inverting and non-inverting inputs and the output available for user configuration. The
operational amplifiers can be paired with the resistive elements to perform such functions as analog to
digital conversion, digital to analog conversion, variable gain amplifiers, and variable oscillators.
OPERATION - DIGITAL RESISTOR SECTION
The DS1667 contains two potentiometers, each of which has its wiper set by a value contained in an 8-bit
register (see Figure 1). Each potentiometer consists of 256 resistors of equal value with tap points
between each resistor and at the low end.
In addition, the potentiometer can be stacked by connecting them in series such that the high end of
potentiometer 0 is connected to the low end of potentiometer 1. When stacking potentiometers, the stack
select bit is used to select which potentiometer wiper will appear at the stack multiplexer output (SOUT).
A zero written to the stack multiplexer will connect wiper 0 to the SOUT pin. This wiper will determine
which of the 256 bottom taps of the stacked potentiometer is selected. When a 1 is written to the stack
multiplexer, wiper 1 is selected and one of the upper 256 taps of the stacked potentiometer is presented at
the SOUT pin.
BLOCK DIAGRAM Figure 1
Information is written to and read from the wiper 0 and wiper 1 registers and the stack select bit via the
17-bit I/O shift register. The I/O shift register is serially loaded by a 3-wire serial port consisting of RST ,
DQ, and CLK. It is updated by transferring all 17 bits (Figure 2). Data can be entered into the 17-bit shift
register only when the RST input is at a high level. While at a high level, the RST function allows serial
entry of data via the D/Q pin. The potentiometers always maintain their previous value until RST is
taken to a low level, which terminates data transfer. While RST input is low, the DQ and CLK inputs are
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com