Electronic Components Datasheet Search
  English  ▼

X  

NEPE510JS Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part # NEPE510JS
Description  SPECIFICATIONS FOR BLUISH-GREEN LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NEPE510JS Datasheet(HTML) 12 Page - NICHIA CORPORATION

Back Button NEPE510JS Datasheet HTML 8Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 9Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 10Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 11Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 12Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 13Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 14Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 15Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 16Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
NICHIA STS-DA1-2524A <Cat.No.120801>
11
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
管理番号
No.
NEPE510J(S)
STS-DA7-3106
IfλD
491
494
497
500
503
506
509
1
10
100
1000
TaλD
491
494
497
500
503
506
509
-60 -40 -20
0
20
40
60
80 100 120
10mA
IFP=
順電流-主波長特性
Forward Current vs
Dominant Wavelength
順電流
Forward Current(mA)
周囲温度-主波長特性
Ambient Temperature vs
Dominant Wavelength
周囲温度
Ambient Temperature(°C)
Ifxy
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.00
0.05
0.10
0.15
0.20
0.25
0.30
1mA(505nm)
5mA(502nm)
10mA(500nm)
35mA(496nm)
110mA(493nm)
x
順電流-色度(主波長)特性
Forward Current vs
Chromaticity Coordinate(λd)
T
A=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com