Electronic Components Datasheet Search
  English  ▼

X  

DS1644 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1644
Description  Nonvolatile Timekeeping RAM?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1644 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1644 Datasheet HTML 1Page - Dallas Semiconductor DS1644 Datasheet HTML 2Page - Dallas Semiconductor DS1644 Datasheet HTML 3Page - Dallas Semiconductor DS1644 Datasheet HTML 4Page - Dallas Semiconductor DS1644 Datasheet HTML 5Page - Dallas Semiconductor DS1644 Datasheet HTML 6Page - Dallas Semiconductor DS1644 Datasheet HTML 7Page - Dallas Semiconductor DS1644 Datasheet HTML 8Page - Dallas Semiconductor DS1644 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1644LPM
041697 3/11
DS1644L TRUTH TABLE Table 1
VCC
CE
OE
WE
MODE
DQ
POWER
5 VOLTS
10%
VIH
X
X
DESELECT
HIGH–Z
STANDBY
5 VOLTS
10%
X
X
X
DESELECT
HIGH–Z
STANDBY
5 VOLTS
± 10%
VIL
X
VIL
WRITE
DATA IN
ACTIVE
VIL
VIL
VIH
READ
DATA OUT
ACTIVE
VIL
VIH
VIH
READ
HIGH–Z
ACTIVE
<4.5 VOLTS
>VBAT
X
X
X
DESELECT
HIGH–Z
CMOS STANDBY
<VBAT
X
X
X
DESELECT
HIGH–Z
DATA RETENTION
MODE
SETTING THE CLOCK
The eighth bit of the control register is the write bit. Set-
ting the write bit to a one, like the read bit, halts updates
to the DS1644L registers. The user can then load them
with the correct day, date and time data in 24 hour BCD
format. Resetting the write bit to a zero then transfers
those values to the actual clock counters and allows
normal operation to resume.
STOPPING AND STARTING THE CLOCK
OSCILLATOR
The clock oscillator may be stopped at any time. To in-
crease the shelf life, the oscillator can be turned off to
minimize current drain from the battery. The OSC bit is
the MSB for the seconds registers. Setting it to a one
stops the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the
frequency test bit is set to logic “1” and the oscillator is
running, the LSB of the seconds register will toggle at
512 Hz. When the seconds register is being read, the
DQ0 line will toggle at the 512 Hz frequency as long as
conditions for access remain valid (i.e., CE low, OE low,
and address for seconds register remain valid and
stable).
CLOCK ACCURACY
The DS1644L is guaranteed to keep time accuracy to
within
±1 minute per month at 25°C. The clock is cali-
brated at the factory by Dallas Semiconductor using
special calibration nonvolatile tuning elements. The
DS1644L does not require additional calibration, and
temperature deviations will have a negligible effect in
most applications. For this reason, methods of field
clock calibration are not available and not necessary.
Attempts to calibrate the clock that may be used with
similar device types (MK48T08 family) will not have any
effect even though the DS1644L appears to accept cal-
ibration data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com