Electronic Components Datasheet Search
  English  ▼

X  

DS1682X Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1682X
Description  Total Elapsed Time Recorder with Alarm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1682X Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1682X Datasheet HTML 4Page - Dallas Semiconductor DS1682X Datasheet HTML 5Page - Dallas Semiconductor DS1682X Datasheet HTML 6Page - Dallas Semiconductor DS1682X Datasheet HTML 7Page - Dallas Semiconductor DS1682X Datasheet HTML 8Page - Dallas Semiconductor DS1682X Datasheet HTML 9Page - Dallas Semiconductor DS1682X Datasheet HTML 10Page - Dallas Semiconductor DS1682X Datasheet HTML 11Page - Dallas Semiconductor DS1682X Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS1682
8 of 13
will be able to be written. Once written twice to AAh, the Write Disable to set the Write Disable flag to a
1, it will not be able to be reset and the Configuration register, Total Time Accumulate register, Event
Counter, and Alarm Trip Point register will become Read-Only. The User memory is not affected by the
Write Disable register.
GLITCH CONTROL CIRCUIT
The DS1682 has a built in glitch control circuit to prevent input noise on the EVENT pin from triggering
false events or corrupting the data.
USER MEMORY
There are 10 bytes of user programmable, EEPROM memory. Once the Write Memory Disable Flag is
set to a one, the memory can not be erased or written to again. This is good for locating serial numbers,
manufacture dates, warrantee information, or other important information.
With the Write Memory
Disable Flag set to a 0, the user memory is readable, writable and erasable.
SERIAL INTERFACE
The DS1682 provides two-wire serial communications.
2-WIRE SERIAL DATA BUS
The DS1682 supports a bi-directional two-wire bus and data transmission protocol. A device that sends
data onto the bus is defined as a transmitter, and a device receiving data as a receiver. The device that
controls the message is called a “master”. The devices that are controlled by the master are “slaves”. The
bus must be controlled by a master device which generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions. The DS1682 operates as a slave on the two-wire bus.
Connections to the bus are made via the open-drain I/O lines SDA and SCL.
The following bus protocol has been defined (See Figure 2):
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in
the data line while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain HIGH.
Start data transfer: A change in the state of the data line, from HIGH to LOW, while the clock is HIGH,
defines a START condition.
Stop data transfer: A change in the state of the data line, from LOW to HIGH, while the clock line is
HIGH, defines the STOP condition.
Data valid: The state of the data line represents valid data when, after a START condition, the data line is
stable for the duration of the HIGH period of the clock signal. The data on the line must be changed
during the LOW period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
number of data bytes transferred between START and STOP conditions is not limited, and is determined
by the master device. The information is transferred byte-wise and each receiver acknowledges with a
ninth bit. Within the bus specifications a regular mode (100 kHz clock rate) and a fast mode (400 kHz
clock rate) are defined. The DS1682 only supports the standard mode of operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com