Electronic Components Datasheet Search
  English  ▼

X  

ICS501MILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS501MILFT
Description  LOCO PLL CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501MILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS501MILFT Datasheet HTML 1Page - Integrated Device Technology ICS501MILFT Datasheet HTML 2Page - Integrated Device Technology ICS501MILFT Datasheet HTML 3Page - Integrated Device Technology ICS501MILFT Datasheet HTML 4Page - Integrated Device Technology ICS501MILFT Datasheet HTML 5Page - Integrated Device Technology ICS501MILFT Datasheet HTML 6Page - Integrated Device Technology ICS501MILFT Datasheet HTML 7Page - Integrated Device Technology ICS501MILFT Datasheet HTML 8Page - Integrated Device Technology ICS501MILFT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS501
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
5
ICS501
REV R 051310
AC Electrical Characteristics
VDD = 5.0 V ±5%, Ambient Temperature -40 to +85
° C, unless stated otherwise
Note 1: Measured with 15 pF load.
Thermal Characteristics for 8SOIC
Thermal Characteristics for 8MSOP
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Input Frequency, crystal input
FIN
527
MHz
Input Frequency, clock input
FIN
250
MHz
Output Frequency, VDD = 4.75 to 5.25 V
FOUT
0
° C to +70° C13
160
MHz
-40
° C to +85° C
13
140
MHz
Output Frequency, VDD = 3.0 to 3.6 V
FOUT
0
° C to +70° C13
100
MHz
-40
° C to +85° C13
90
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V, Note 1
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V, Note 1
1
ns
Output Clock Duty Cycle
tOD
1.5 V, up to
160 MHz
45
49-51
55
%
PLL Bandwidth
10
kHz
Output Enable Time, OE high to output
on
50
ns
Output Disable Time, OE low to tri-state
50
ns
Absolute Clock Period Jitter
tja
Deviation from
mean
+70
ps
One Sigma Clock Period Jitter
tjs
25
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W
Thermal Resistance Junction to Top
of Case
ΨJT
Still air
20
° C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
95
° C/W
Thermal Resistance Junction to Case
θJC
48
° C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com