Electronic Components Datasheet Search
  English  ▼

X  

DS1710 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1710
Description  Partitioned NV Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1710 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1710 Datasheet HTML 1Page - Dallas Semiconductor DS1710 Datasheet HTML 2Page - Dallas Semiconductor DS1710 Datasheet HTML 3Page - Dallas Semiconductor DS1710 Datasheet HTML 4Page - Dallas Semiconductor DS1710 Datasheet HTML 5Page - Dallas Semiconductor DS1710 Datasheet HTML 6Page - Dallas Semiconductor DS1710 Datasheet HTML 7Page - Dallas Semiconductor DS1710 Datasheet HTML 8Page - Dallas Semiconductor DS1710 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1710
3 of 14
read cycle after power-up to any location in memory, verifying that memory location’s contents. A
subsequent write cycle can then be executed to the same memory location altering the data. If the next
read cycle fails to verify the written data then the data is in danger of being corrupted. The fifth function
of the DS1710 provides for battery redundancy. When data integrity is extremely important it is wise to
use two batteries to insure reliability. The DS1710 controller provides an internal isolation switch which
allows the connection of two batteries. When entering battery backup operation, the battery with the
highest voltage is selected for use. If one battery should fail, the other would then supply energy to the
connected load. The switch to a redundant battery is transparent to circuit operation and to the user. In
applications where battery redundancy is not a major concern a single battery should be connected to the
BAT1 pin. The BAT2 battery pin must be grounded. When batteries are first connected to one or both of
the VBAT pins VCCO will not show the battery potential until VCCI is applied and removed for the first time.
OPERATION - WRITE PROTECTION PROGRAMMING MODE
When the disable pin is connected to VCCI or VCCO, the DS1710 performs all of the functions described
earlier with the addition of a partition switch which selectively write protects blocks of memory. The state
of the DIS pin is strobed and latched as VCCI crosses the power-fail trip point so that the DS1710
maintains its configuration during power loss. If the strobed value of DIS is high, the internal pulldown
resistor on the DIS pin will be disconnected in the power-fail state to eliminate the possibility of battery
discharge. The register controlling the partition switch is selected by recognition of a specific binary
pattern which is sent on address lines AW - AZ. These address lines are normally the four upper order
address lines being sent to RAM. The pattern is sent by 20 consecutive read cycles with the exact pattern
as shown in Table 1. Pattern matching must be accomplished using read cycles; any write cycles will
reset the pattern matching circuitry. If this pattern is matched perfectly, then the 21st through 24th read
cycle will load the partition switch. Since there are 16 possible write protected partitions, the size of each
partition is determined by the size of the memory. For example, a 128k X 8 memory would be divided
into 16 partitions of 128k/16 or 8k X 8. Each partition is represented by one of the 16 bits contained in
the 21st through 24th read cycle as defined by AW through AZ and shown in Table 2. A logical 1 in a bit
location sets that partition to write protect. A logical 0 in a bit location disables write protection. For
example, if during the pattern match sequence bit 22 on address pin AX were a 1, this would cause the
partition register location for partition 5 to be set to a 1. This in turn would cause the DS1710 to inhibit
WEO
from going low as WEI goes low whenever AZAYAXAW=0101. Note that while setting the partition
register, data which is being accessed from the RAM should be ignored as the purpose of the 24 read
cycles is to set the partition switch and not for the purpose of accessing data from RAM. Also note that
on initial battery attach the partition register can power-up in any state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com