Electronic Components Datasheet Search
  English  ▼

X  

ICS8536AG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS8536AG
Description  Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8536AG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS8536AG Datasheet HTML 5Page - Integrated Device Technology ICS8536AG Datasheet HTML 6Page - Integrated Device Technology ICS8536AG Datasheet HTML 7Page - Integrated Device Technology ICS8536AG Datasheet HTML 8Page - Integrated Device Technology ICS8536AG Datasheet HTML 9Page - Integrated Device Technology ICS8536AG Datasheet HTML 10Page - Integrated Device Technology ICS8536AG Datasheet HTML 11Page - Integrated Device Technology ICS8536AG Datasheet HTML 12Page - Integrated Device Technology ICS8536AG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER
ICS8536AG-01 REVISION B AUGUST 17, 2012
9
©2012 Integrated Device Technology, Inc.
OUTPUT RISE/FALL TIME
t
PD
PROPAGATION DELAY (LVCMOS INPUT)
20%
80%
80%
20%
tR
t F
VSWING
CLK1
nCLK1
Q0:Q5
nQ0:nQ5
PROPAGATION DELAY (DIFFERENTIAL INPUT)
t
PD
CLK0
Q0:Q5
nQ0:nQ5
Q0:Q5
nQ0:nQ5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com