Electronic Components Datasheet Search
  English  ▼

X  

DS1721 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS1721
Description  2-Wire Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1721 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS1721 Datasheet HTML 8Page - Dallas Semiconductor DS1721 Datasheet HTML 9Page - Dallas Semiconductor DS1721 Datasheet HTML 10Page - Dallas Semiconductor DS1721 Datasheet HTML 11Page - Dallas Semiconductor DS1721 Datasheet HTML 12Page - Dallas Semiconductor DS1721 Datasheet HTML 13Page - Dallas Semiconductor DS1721 Datasheet HTML 14Page - Dallas Semiconductor DS1721 Datasheet HTML 15Page - Dallas Semiconductor DS1721 Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DS1721
15 of 16
DC ELECTRICAL CHARACTERISTICS:
DIGITAL THERMOMETER
(-55°C to +125°C; 2.7V
≤ V
DD
≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
DS1721
Thermometer Error
TERR
-10°C to +85°C
±1.0
°C
5
Resolution
9
12
bits
9-bit
Conversions
125
150
10-bit
Conversions
250
300
11-bit
Conversions
500
600
Conversion Time
tCONVT
12-bit
Conversions
1000
1200
ms
AC ELECTRICAL CHARACTERISTICS:
2-WIRE INTERFACE
(-55°C to +125°C; VDD=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
SCL Clock
Frequency
fSCL
Fast Mode
Standard Mode
0
0
400
100
KHz
Bus Free Time
Between a STOP
and START
Condition
tBUF
Fast Mode
Standard Mode
1.3
4.7
µs
Hold Time
(Repeated) START
Condition
tHD:STA
Fast Mode
Standard Mode
0.6
4.0
µs
6
Low Period of
SCL Clock
tLOW
Fast Mode
Standard Mode
1.3
4.7
µs
High Period of
SCL Clock
tHIGH
Fast Mode
Standard Mode
0.6
4.0
µs
Setup Time for a
Repeated START
Condition
tSU:STA
Fast Mode
Standard Mode
0.6
4.7
µs
Data Hold Time
tHD:DAT
Fast Mode
Standard Mode
0
0
0.9
µs
7
Data Set-up Time
tSU:DAT
Fast Mode
Standard Mode
100
250
ns
8
Rise Time of both
SDA and SCL
Signals
tR
Fast Mode
Standard Mode
20+0.1
CB
300
1000
ns
8
Fall Time of both
SDA and SCL
Signals
tF
Fast Mode
Standard Mode
20+0.1
CB
300
1000
ns
9
Set-up time for
STOP Condition
tSU:STO
Fast Mode
Standard Mode
0.6
4.0
µs
Capacitive Load for
each Bus Line
Cb
400
pF
9
Input Capacitance
CI
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com