Electronic Components Datasheet Search
  English  ▼

X  

DS1742 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1742
Description  Y2KC Nonvolatile Timekeeping RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1742 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1742 Datasheet HTML 1Page - Dallas Semiconductor DS1742 Datasheet HTML 2Page - Dallas Semiconductor DS1742 Datasheet HTML 3Page - Dallas Semiconductor DS1742 Datasheet HTML 4Page - Dallas Semiconductor DS1742 Datasheet HTML 5Page - Dallas Semiconductor DS1742 Datasheet HTML 6Page - Dallas Semiconductor DS1742 Datasheet HTML 7Page - Dallas Semiconductor DS1742 Datasheet HTML 8Page - Dallas Semiconductor DS1742 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS1742
3 of 12
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned
off to minimize current drain from the battery. The OSC bit is the MSB (bit 7) of the seconds registers,
see Table 2. Setting it to a 1 stops the oscillator.
FREQUENCY TEST BIT
As shown in Table 2, bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to
logic 1 and the oscillator is running, the LSB of the seconds register will toggle at 512 Hz. When the
seconds register is being read, the DQ0 line will toggle at the 512 Hz frequency as long as conditions for
access remain valid (i.e., CE low, OE low, WE high, and address for seconds register remain valid and
stable).
CLOCK ACCURACY
The DS1742 is guaranteed to keep time accuracy to within
±1 minute per month at 25°C. The RTC is
calibrated at the factory by Dallas Semiconductor using nonvolatile tuning elements. The DS1742 does
not require additional calibration. For this reason, methods of field clock calibration are not available and
not necessary. Clock accuracy is also effected by the electrical environment and caution should be taken
to place the RTC in the lowest level EMI section of the PCB layout. For additional information please
see application note 58.
DS1742 REGISTER MAP Table 2
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION/RANGE
7FF
10 Year
YEAR
YEAR
00-99
7FE
X
X
X
10 Mo
MONTH
MONTH
01-12
7FD
X
X
10 Date
DATE
DATE
01-31
7FC
BF
FT
X
X
X
DAY
DAY
01-07
7FB
X
X
10 HOUR
HOUR
HOUR
00-23
7FA
X
10 MINUTES
MINUTES
MINUTES
00-59
7F9
OSC
10 SECONDS
SECONDS
SECONDS
00-59
7F8
W
R
10 CENTURY
CENTURY
CONTROL
00-39
OSC
= STOP BIT
R = READ BIT
FT = FREQUENCY TEST
W = WRITE BIT
X = SEE NOTE BELOW
BF = BATTERY FLAG
NOTE:
All indicated “X” bits are not dedicated to any particular function and can be used as normal RAM bits.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1742 is in the read mode whenever OE (output enable) is low, WE (write enable) is high, and CE
(chip enable) is low. The device architecture allows ripplethrough access to any of the address locations
in the NV SRAM. Valid data will be available at the DQ pins within tAA after the last address input is
stable, providing that the CE , and OE access times and states are satisfied. If CE , or OE access times
and states are not met, valid data will be available at the latter of chip enable access (tCEA) or at output
enable access time (tOEA). The state of the data input/output pins (DQ) is controlled by CE , and OE . If
the outputs are activated before tAA, the data lines are driven to an intermediate state until tAA. If the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com