Electronic Components Datasheet Search
  English  ▼

X  

MPC5602D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Qorivva MPC560xBCD Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5602D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32-bit MCUs
Qorivva MPC560xB/C/D Family
Automotive body and gateway applications
Qorivva MPC560xB/C/D
Key Features
Includes controller area network (CAN),
local interconnect network (LIN) and other
peripherals necessary to implement a range of
functionality in the automotive body network.
• FlexCANmodulesupportingbothFIFO
andmailboxdatastorage,idealforCAN
gateways to manage event-driven vs.
periodic bus traffic.
•LINFlexmoduleprovidesfullyautomated
LIN message management, reducing CPU
load intervention and message latencies.
•eMIOStimercombinesmultiplecounter
sources, including input capture, output
compare and pulse width modulation
(PWM)capabilitiesintooneveryflexible
module.PWMfunctionsupports
shifted signal output to improve
electromagnetic compatibility.
• CrosstriggeringunitsynchronizesPWM
output signals with analog-to-digital
conversion to enable accurate diagnostic
and control capabilities.
• Scalablee200z0coreenablesmigration
toward higher performance solutions.
• Compatiblefamilyofproductsensures
reuse of software and tools infrastructures.
Inaddition,theQorivvvaMPC5601D,
MPC5602D,MPC5605B,MPC5606B
andMPC5607Bareavailablewithdirect
memory access.
Overview
TheQorivvaMPC560xB/C/Dfamilyof32-bitMCUincludesthelatestFreescale
integrated devices for automotive body electronics applications. The advanced
cost-efficient host processor core leverages the many strengths of Power
Architecture® technology, such as processing capability, on-chip memory, analog
capabilities,timingsystemsandotherfeaturesrequiredtohandlecomplexcontrol
and diagnostic systems. In addition, these scalable devices are supported by an
enablement ecosystem that includes software drivers, operating systems and
configuration code to help you quickly implement your designs.
Applications
• Centralbodycontrollers
• Gatewaycontrollers
• Bodyelectronics
• Comfortcontrols
Qorivva MPC560xB/C Block Diagram
Branch Unit
General-Purpose
Registers
(32 x 32-bit)
Load/Store
Unit
Instruction
Unit VLE
e200z0 Core
INTC
JTAG
NDI
(optional)
Instruction Bus
Data Bus
VREG
FMPLL
Oscillators
MC_ME
WKUP
BAM
Watchdog
SIU
PIT
Crossbar Switch (XBAR)
Memory Protection Unit (MPU)
Peripheral Bridge
Flash
(ECC)
SRAM
(ECC)
Integer
Execution Unit
Multiply Unit
LINFlex
ADC
eMIOS200
DSPI
I2C
FlexCAN
CTU
QorivvaMPC560xB/CBlockDiagram


Similar Part No. - MPC5602D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5602D FREESCALE-MPC5602D Datasheet
692Kb / 77P
Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5602DPB FREESCALE-MPC5602DPB Datasheet
144Kb / 27P
MPC5602D Microcontroller Product Brief
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
MPC5602D Microcontroller Reference Manual
MPC5602DXLH FREESCALE-MPC5602DXLH Datasheet
692Kb / 77P
Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
More results

Similar Description - MPC5602D

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
Family MPU
logo
Freescale Semiconductor...
MPC5642A FREESCALE-MPC5642A Datasheet
1Mb / 120P
Qorivva MPC5642A Microcontroller
MPC5643L FREESCALE-MPC5643L_12 Datasheet
739Kb / 136P
Qorivva Microcontroller
MPC5645S FREESCALE-MPC5645S Datasheet
1Mb / 146P
Qorivva MPC5645S Microcontroller Data Sheet
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
MC9S12C Family MC9S12GC Family Reference Manual
MPC5554FS FREESCALE-MPC5554FS Datasheet
589Kb / 2P
Qorivva MPC5554 Family
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
PIC18F87J10 Family
03/26/09
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
EEPROM family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com