Electronic Components Datasheet Search
  English  ▼

X  

LBN17301 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN17301
Description  173MHz SAW Filter 21MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN17301 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN17301 Datasheet HTML 1Page - SIPAT Co,Ltd LBN17301 Datasheet HTML 2Page - SIPAT Co,Ltd LBN17301 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN17301
Rev. Date
2010-09-02
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
173MHz SAW Filter
21MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN17301
Typical Performance
Frequency Response
Passband Response
130
140
150
160
170
180
190
200
210
220
-100.5033
-90.5033
-80.5033
-70.5033
-60.5033
-50.5033
-40.5033
-30.5033
-20.5033
-10.5033
-0.5033
Type Performance
Frequency(MHz)
150
160
170
180
190
200
-13.0033
-12.5033
-12.0033
-11.5033
-11.0033
-10.5033
-10.0033
-9.5033
-9.0033
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±10MHz)
Phase Linearity(f0±10MHz)
155
160
165
170
175
180
185
190
500
550
600
650
700
750
800
850
900
950
1000
X: 173
Y: 793
Type Performance
Frequency(MHz)
X: 183
Y: 767.9
X: 163
Y: 784.8
155
160
165
170
175
180
185
190
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
X: 163
Y: -1.737
Type Performance
Frequency(MHz)
X: 173
Y: -0.172
X: 183
Y: 2.063
Horizontal: 5MHz/Div
Vertical: 50ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com