Electronic Components Datasheet Search
  English  ▼

X  

LBN18404 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN18404
Description  184.32MHz SAW Filter 80MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN18404 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN18404 Datasheet HTML 1Page - SIPAT Co,Ltd LBN18404 Datasheet HTML 2Page - SIPAT Co,Ltd LBN18404 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN18404
Rev. Date
2013-12-03
Ver.
1.0
Page
2/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
184.32MHz SAW Filter
80MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBN18404
N18404
N18404
N18404
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.
Matching Configuration
DEMO
DEMO
DEMO
DEMO板
L1=
L1=
L1=
L1=L5=39
L5=39
L5=39
L5=39nH
nH
nH
nH
L2=
L2=
L2=
L2=33
33
33
33nH
nH
nH
nH
L3=L4=27
L3=L4=27
L3=L4=27
L3=L4=27pF
pF
pF
pF
L6
L6
L6
L6=
=
=
=47
47
47
47pF
pF
pF
pF
Source/Load
Source/Load
Source/Load
Source/Load Impedance=
Impedance=
Impedance=
Impedance=20
20
20
200
0
0
0 ohm
ohm
ohm
ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Pad
Pad
Pad
Pad Configuration
Configuration
Configuration
Configuration::::
Input
10 12
Output
4 6
Ground the others
Marking
Marking
Marking
Marking Configuration
Configuration
Configuration
Configuration::::
1) SIPAT: Manufacturer Name
2) LBN18404: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
Package:
Package:
Package:
Package: SMD7.0*5.0
SMD7.0*5.0
SMD7.0*5.0
SMD7.0*5.0
Unit:
Unit:
Unit:
Unit: mm
mm
mm
mm
4
3
2
6
7
8
9
12
1
1
3
2
12
9
8
7
6
4
7.00±0.15
1.10±0.15
1.27±0.1
SIPAT
LBN18404
XXYYZZ
5
11
10
5
11
10
0.80±0.13
2.54±0.13



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com