Electronic Components Datasheet Search
  English  ▼

X  

NFSA172 Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NFSA172
Description  SPECIFICATIONS FOR AMBER LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSA172 Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NFSA172 Datasheet HTML 1Page - NICHIA CORPORATION NFSA172 Datasheet HTML 2Page - NICHIA CORPORATION NFSA172 Datasheet HTML 3Page - NICHIA CORPORATION NFSA172 Datasheet HTML 4Page - NICHIA CORPORATION NFSA172 Datasheet HTML 5Page - NICHIA CORPORATION NFSA172 Datasheet HTML 6Page - NICHIA CORPORATION NFSA172 Datasheet HTML 7Page - NICHIA CORPORATION NFSA172 Datasheet HTML 8Page - NICHIA CORPORATION NFSA172 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NICHIA STS-DA1-1257A <Cat.No.101130>
4
SOLDERING
• Recommended Reflow Soldering Condition
• Recommended Manual Soldering Condition
Temperature
350°C Max.
Soldering Time
3 sec. Max.
Recommended Soldering Pad Pattern
(単位 Unit: mm)
0.5
3.6
* The product is designed to be reflow soldered to a PCB. If you use dip soldering for the products,
Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice. Manual soldering must only be done once.
* Care should be taken to avoid cooling at a rapid rate and ensure the peak temperature ramps down slowly.
* Customer is advised to use nitrogen reflow soldering as air flow process can cause optical degradation due to the heat and
atmosphere of reflow soldering.
* Since silicone used as encapsulating resin in this product is a soft material, do not press on the encapsulant.
Failure to comply might lead to nicks, chip-outs, delamination and deformation of the encapsulant, bump breakage
and an adverse effect on product reliability.
* Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron
should be used. It should be confirmed beforehand whether the characteristics of the LEDs will or
will not be damaged by repairing.
* When soldering, avoid applying any stress to the LED package while heated.
120sec. max.
Pre-heat
180 to 200°C
260°C max.
10 sec. max.
60 sec. max.
Above 220°C
1 to 5°C per sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com