Electronic Components Datasheet Search
  English  ▼

X  

DS1807 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1807
Description  Addressable Dual Audio Taper Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1807 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1807 Datasheet HTML 5Page - Dallas Semiconductor DS1807 Datasheet HTML 6Page - Dallas Semiconductor DS1807 Datasheet HTML 7Page - Dallas Semiconductor DS1807 Datasheet HTML 8Page - Dallas Semiconductor DS1807 Datasheet HTML 9Page - Dallas Semiconductor DS1807 Datasheet HTML 10Page - Dallas Semiconductor DS1807 Datasheet HTML 11Page - Dallas Semiconductor DS1807 Datasheet HTML 12Page - Dallas Semiconductor DS1807 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DS1807
12 of 13
110499
NOTES:
1. All voltages are referenced to ground.
2. I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VDD is switched off.
3. ICC specified with zero-crossing detection active and operating device serial port in fast mode.
4. ISTBY specified with for VCC equal 3.0V and 5.0V and SDA and SCL are driven to the appropriate
logic levels. ISTBY is specified as the current consumption of the device when SDA and SCL are in the
inactive (high) states.
5. After this period, the first clock pulse is generated.
6. A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the
VIHMIN of the SCL signal) in order to bridge the undefined region of the falling edge of SCL.
7. The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the
SCL signal.
8. A fast mode device can be used in a standard mode system, but the requirement tSU:DAT > 250 ns must
then be met. This will automatically be the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next
data bit to the SDA line tRMAX + tSU:DAT = 1000+250=1250 ns before the SCL line is released.
9. CB - total capacitance of one bus line in picofarads, timing referenced to (0.9(VCC) and (0.1)(VCC)).
10. Absolute tolerance is used to determine measured wiper voltage versus expected wiper voltage as
determined by wiper position.
11. Tap-to-tap tolerance is used to determine the change in voltage between successive tap positions. The
DS1807 is specified for a
±0.25 dB tap-to-tap tolerance.
12. Typical values are for tA = 25
°C and nominal supply voltage.
13. Address inputs, A0, A1, and A2, should be tied to either VCC or GND depending on the desired
address selections.
14. These parameters are characterized and not 100% tested.
15. Interchannel matching is used to determine the relative difference in dB between the same position on
each potentiometer. The DS1807 is specified for
±0.5 dB Interchannel matching
16. See Figure 9.
17. Valid at 25
°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com