Electronic Components Datasheet Search
  English  ▼

X  

NJSA172 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NJSA172
Description  SPECIFICATIONS FOR AMBER LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSA172 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NJSA172 Datasheet HTML 1Page - NICHIA CORPORATION NJSA172 Datasheet HTML 2Page - NICHIA CORPORATION NJSA172 Datasheet HTML 3Page - NICHIA CORPORATION NJSA172 Datasheet HTML 4Page - NICHIA CORPORATION NJSA172 Datasheet HTML 5Page - NICHIA CORPORATION NJSA172 Datasheet HTML 6Page - NICHIA CORPORATION NJSA172 Datasheet HTML 7Page - NICHIA CORPORATION NJSA172 Datasheet HTML 8Page - NICHIA CORPORATION NJSA172 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-1380A <Cat.No.110629>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.70
3.65
V
P15
60.5
72.0
P14
51.0
60.5
P13
42.8
51.0
Luminous Flux
P12
36.0
42.8
lm
Color Rank
Rank L3
x
0.576
0.549
0.562
0.589
y
0.407
0.425
0.438
0.411
* Ranking at TS=25°C.
* Tolerance of measurements of the Forward Voltage is ±0.05V.
* Tolerance of measurements of the Luminous Flux is ±7%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.01.
* A shipment shall consist of LEDs in a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com