Electronic Components Datasheet Search
  English  ▼

X  

HDR Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # HDR
Description  Hammond Desktop Rack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HDR Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  HDR Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hammond Desktop Rack
The Hammond Desktop Rack (HDR) Series features a small form factor perfect
for small projects. Available in 8U, 12U and 16U options, this rack series is
ideal for smaller IT, Security and AV applications.
Features
Base and panel constructed in 16-gauge steel.
Includes two (2) 12-gauge steel 19 inch EIA-310-D compliant mounting
rails.
Rails are 10-32 tapped rails with rack space indicators.
Rails are angled 10-degrees when rack is assembled.
Starter pack of 25 rack screws included.
Available in 8U, 12U and 16U rack spacing.
Side of rails include multiple tie points for cable management.
Finished in smooth black powder paint.
Knockdown design ships un-assembled for easy handling and shipping
protection.
Tested to nearly double the suggested load rating of 195 lbs.
RoHS Compliant.
Manufactured in North America.
Accessoires
Part No.
Overall Dimensions
Rack
Mounting Dimensions
Height
Width
Base Depth
Units
Height
Width
HDR8UBK
16.00
20.00
11.50
8U
14.00
19.00
HDR12UBK
23.00
20.00
11.50
12U
21.00
19.00
HDR16UBK
30.00
20.00
16.00
16U
28.00
19.00
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - HDR

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDR-100 MEANWELL-HDR-100 Datasheet
1Mb / 4P
85 ~ 100W Ultra Slim Step Shape DIN Rail
HDR-100-12 MEANWELL-HDR-100-12 Datasheet
1Mb / 4P
85 ~ 100W Ultra Slim Step Shape DIN Rail
HDR-100-12N MEANWELL-HDR-100-12N Datasheet
1Mb / 4P
85 ~ 100W Ultra Slim Step Shape DIN Rail
HDR-100-15 MEANWELL-HDR-100-15 Datasheet
1Mb / 4P
85 ~ 100W Ultra Slim Step Shape DIN Rail
HDR-100-15N MEANWELL-HDR-100-15N Datasheet
1Mb / 4P
85 ~ 100W Ultra Slim Step Shape DIN Rail
More results

Similar Description - HDR

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1599EBK HAMMOND-1599EBK Datasheet
133Kb / 3P
HAMMOND 1599 SERIES PLASTIC ENCLOSURE
logo
Tripp Lite. All Rights ...
SR2POST12 TRIPPLITE-SR2POST12 Datasheet
161Kb / 3P
SmartRack 12U Desktop 2-Post Open-Frame Rack
logo
SUNNY Computer Technolo...
SYS1544-T2 SUNNY-SYS1544-T2 Datasheet
758Kb / 2P
Desktop
26.05.2022
SYS1546-T3 SUNNY-SYS1546-T3 Datasheet
767Kb / 2P
Desktop
03.10.2022
SYS1548-T2 SUNNY-SYS1548-T2 Datasheet
1Mb / 2P
Desktop
03.10.2022
SYS1548-T3 SUNNY-SYS1548-T3 Datasheet
751Kb / 2P
Desktop
03.10.2022
SYS1576-M3 SUNNY-SYS1576-M3 Datasheet
691Kb / 2P
Desktop
03.10.2022
SYS1588-T2 SUNNY-SYS1588-T2 Datasheet
834Kb / 2P
Desktop
03.10.2022
SYS1588-T3 SUNNY-SYS1588-T3 Datasheet
777Kb / 2P
Desktop
03.10.2022
POE-M3 SUNNY-POE-M3 Datasheet
761Kb / 2P
Desktop
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com