Electronic Components Datasheet Search
  English  ▼

X  

MAX212CD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX212CD
Description  3V-Powered, Low-Power, True RS-232 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX212CD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX212CD Datasheet HTML 1Page - Maxim Integrated Products MAX212CD Datasheet HTML 2Page - Maxim Integrated Products MAX212CD Datasheet HTML 3Page - Maxim Integrated Products MAX212CD Datasheet HTML 4Page - Maxim Integrated Products MAX212CD Datasheet HTML 5Page - Maxim Integrated Products MAX212CD Datasheet HTML 6Page - Maxim Integrated Products MAX212CD Datasheet HTML 7Page - Maxim Integrated Products MAX212CD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+3V-Powered, Low-Power,
True RS-232 Transceiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
MIN
TYP
MAX
UNITS
Input Logic Threshold Low
VCC / 3
V
115
µA
Shutdown Supply Current
115
µA
Input Logic Threshold High
2VCC / 3
V
Input Current High
1
µA
Input Current Low
1
µA
Hysteresis
0.3
V
Operating Voltage Range
3.0
3.6
V
VCC Supply Current
1.5
3.0
mA
Logic Output Voltage Low
0.25
V
Logic Output Voltage High
VCC - 0.5
V
Logic Output Leakage Current
±10
µA
-25
+25
V
EIA/TIA-232E Input Hysteresis
0.7
V
EIA/TIA-232E Input Resistance
35
7
k
Ω
±5.0
±5.5
V
Output Resistance
300
Ω
28
100
mA
CONDITIONS
IOUT = 1.0mA
T_IN, EN,
–
S
—
D; VCC = 3.0V to 3.6V
IOUT = -1.0mA
–
S
—
D = GND, EN = VCC, R_IN = GND or VCC
–
S
—
D = EN = GND, R_IN = GND or VCC
T_IN, EN,
–
S
—
D; VCC = 3.0V to 3.6V
T_IN, EN,
–
S
—
D; VIN = VCC
EN = GND, 0V < R_OUT < VCC
T_IN, EN,
–
S
—
D, VIN = GND
T_IN; VCC = 3.3V
-15V < VIN < 15V
Meets or exceeds EIA/TIA-232E specifications
All transmitters loaded 3k
Ω to GND
VCC = V- = V+ = 0V, -2V < T_OUT < 2V
No load, VCC = 3.3V
Supply Voltages
VCC .....................................................................-0.3V to +4.6V
V+ ............................................................(VCC - 0.3V) to +7.4V
V- ........................................................................-7.4V to +2.0V
LN ..............................................................-0.3V to (V+ + 1.0V)
LP.......................................................(V- - 1.0V) to (V+ + 0.3V)
Input Voltages
T_IN,
–
S
—
D, EN ..............................................-0.3V to (V+ + 0.3V)
R_IN...................................................................................±25V
Output Voltages
T_OUT................................................................................±15V
R_OUT ........................................................-0.3V to (V+ + 0.3V)
Short-Circuit Duration, T_OUT.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
Wide SO (derate 11.76mW/°C above +70°C)...............941mW
SSOP (derate 8.00mW/°C above +70°C) .....................640mW
Lead Temperature (soldering, 10sec) .............................+300°C
Shutdown Supply Current with
Receivers Active
EIA/TIA-232E Input Voltage
Operating Range
EIA/TIA-232E Input Voltage
Threshold Low
0.4
V
EIA/TIA-232E Input Voltage
Threshold High
2.8
V
Output Voltage Swing (VHIGH, VLOW)
EIA/TIA-232E Short-Circuit Current
DC CHARACTERISTICS
LOGIC
EIA/TIA-232E RECEIVERS
EIA/TIA-232E TRANSMITTERS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com