Electronic Components Datasheet Search
  English  ▼

X  

DS18S20 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS18S20
Description  High Precision 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18S20 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS18S20 Datasheet HTML 1Page - Dallas Semiconductor DS18S20 Datasheet HTML 2Page - Dallas Semiconductor DS18S20 Datasheet HTML 3Page - Dallas Semiconductor DS18S20 Datasheet HTML 4Page - Dallas Semiconductor DS18S20 Datasheet HTML 5Page - Dallas Semiconductor DS18S20 Datasheet HTML 6Page - Dallas Semiconductor DS18S20 Datasheet HTML 7Page - Dallas Semiconductor DS18S20 Datasheet HTML 8Page - Dallas Semiconductor DS18S20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
DS18S20
2 of 27
DETAILED PIN DESCRIPTION
PIN
8-PIN SOIC
PIN
TO92
SYMBOL
DESCRIPTION
5
1
GND
Ground.
42
DQ
Data Input/Output pin. For 1-Wire operation: Open drain.
(See “Parasite Power” section.)
33
VDD
Optional VDD pin. See “Parasite Power” section for details of
connection. VDD must be grounded for operation in parasite
power mode.
DS18S20Z (8-pin SOIC): All pins not specified in this table are not to be connected.
OVERVIEW
The block diagram of Figure 1 shows the major components of the DS18S20. The DS18S20 has three
main data components: 1) 64–bit lasered ROM, 2) temperature sensor, 3) nonvolatile temperature alarm
triggers TH and TL. The device derives its power from the 1–Wire communication line by storing energy
on an internal capacitor during periods of time when the signal line is high and continues to operate off
this power source during the low times of the 1–Wire line until it returns high to replenish the parasite
(capacitor) supply. As an alternative, the DS18S20 may also be powered from an external 3 volt – 5 volt
supply.
Communication to the DS18S20 is via a 1–Wire port. With the 1–Wire port, the memory and control
functions will not be available before the ROM function protocol has been established. The master must
first provide one of five ROM function commands: 1) Read ROM, 2) Match ROM, 3) Search ROM, 4)
Skip ROM, or 5) Alarm Search. These commands operate on the 64–bit lasered ROM portion of each
device and can single out a specific device if many are present on the 1–Wire line as well as indicate to
the bus master how many and what types of devices are present. After a ROM function sequence has
been successfully executed, the memory and control functions are accessible and the master may then
provide any one of the six memory and control function commands.
One control function command instructs the DS18S20 to perform a temperature measurement. The result
of this measurement will be placed in the DS18S20’s scratch-pad memory, and may be read by issuing a
memory function command which reads the contents of the scratchpad memory. The temperature alarm
triggers TH and TL consist of 1-byte EEPROM each. If the alarm search command is not applied to the
DS18S20, these registers may be used as general purpose user memory. Writing TH and TL is done
using a memory function command. Read access to these registers is through the scratchpad. All data is
read and written least significant bit first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com