Electronic Components Datasheet Search
  English  ▼

X  

C1152 Datasheet(PDF) 20 Page - EPCOS

Part # C1152
Description  Metallized Polyester Film Capacitors (MKT)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C1152 Datasheet(HTML) 20 Page - EPCOS

Back Button C1152 Datasheet HTML 16Page - EPCOS C1152 Datasheet HTML 17Page - EPCOS C1152 Datasheet HTML 18Page - EPCOS C1152 Datasheet HTML 19Page - EPCOS C1152 Datasheet HTML 20Page - EPCOS C1152 Datasheet HTML 21Page - EPCOS C1152 Datasheet HTML 22Page - EPCOS C1152 Datasheet HTML 23Page - EPCOS C1152 Datasheet HTML 24Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
A =
15 ... +5% (220
µF type only)
000 = Untaped (standard lead length 6
1 mm)
63
40
22
12.0
× 22.0 × 41.5 B32526R0226+***
1620
33
12.0
× 22.0 × 41.5 B32526R0336+***
1620
47
12.0
× 22.0 × 41.5 B32526R0476+***
1620
56
24.0
× 15.0 × 41.5 B32526T0566+***
1040
68
16.0
× 28.5 × 41.5 B32526R0686+***
800
82
24.0
× 19.0 × 41.5 B32526T0826+***
780
100
18.0
× 32.5 × 41.5 B32526R0107+***
720
150
20.0
× 39.5 × 41.5 B32526R0157+***
640
220
28.0
× 42.5 × 41.5 B32526R0227A***
440
100
63
15
12.0
× 22.0 × 41.5 B32526R1156+***
1620
22
12.0
× 22.0 × 41.5 B32526R1226+***
1620
33
14.0
× 25.0 × 41.5 B32526R1336+***
1380
33
24.0
× 15.0 × 41.5 B32526T1336+***
1040
47
16.0
× 28.5 × 41.5 B32526R1476+***
800
47
24.0
× 19.0 × 41.5 B32526T1476+***
780
68
18.0
× 32.5 × 41.5 B32526R1686+***
720
100
20.0
× 39.5 × 41.5 B32526R1107+***
640
150
28.0
× 42.5 × 41.5 B32526R1157+***
440
250
160
4.7 12.0
× 22.0 × 41.5 B32526R3475+***
1620
6.8 12.0
× 22.0 × 41.5 B32526R3685+***
1620
10
12.0
× 22.0 × 41.5 B32526R3106+***
1620
15
14.0
× 25.0 × 41.5 B32526R3156+***
1380
15
24.0
× 15.0 × 41.5 B32526T3156+***
1040
22
16.0
× 28.5 × 41.5 B32526R3226+***
800
22
24.0
× 19.0 × 41.5 B32526T3226+***
780
33
20.0
× 39.5 × 41.5 B32526R3336+***
640
47
20.0
× 39.5 × 41.5 B32526R3476+***
640
68
28.0
× 42.5 × 41.5 B32526R3686+***
440
B32526
General purpose (wound)
Page 20 of 45
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com