Electronic Components Datasheet Search
  English  ▼

X  

DS1971 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1971
Description  256-Bit EEPROM iButton
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1971 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1971 Datasheet HTML 1Page - Dallas Semiconductor DS1971 Datasheet HTML 2Page - Dallas Semiconductor DS1971 Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
082099
SPECIAL FEATURES
§ 256-bit Electrically Erasable Programmable
Read Only Memory (EEPROM)
communicates with the economy of one
signal plus ground
§ EEPROM organized as one 256-bit page
§ 64-bit one-time programmable application
register is automatically write-protected after
programming
§ Reduces control, address, data, power, and
programming signals to a single data pin
§ 8-bit family code specifies DS1971
communications requirements to reader
§ Reads and writes over a wide voltage range
of 2.8V to 6.0V from -40°C to +85°C
COMMON iButton FEATURES
§ Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-
bit serial number + 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
§ Multidrop controller for MicroLAN
§ Digital identification and information by
momentary contact
§ Chip-based data carrier compactly stores
information
§ Data can be accessed while affixed to object
§ Economically communicates to bus master
with a single digital signal at 16.3k bits per
second
§ Standard 16 mm diameter and 1-Wire
protocol ensure compatibility with iButton
family
§ Button shape is self–aligning with cup-
shaped probes
§ Durable stainless steel case engraved with
registration number withstands harsh
environments
§ Easily affixed with self-stick adhesive
backing, latched by its flange, or locked with
a ring pressed onto its rim
§ Presence detector acknowledges when reader
first applies voltage
§ Meets UL#913 (4th Edit.); Intrinsically Safe
Apparatus, Approved under Entity Concept
for use in Class I, Division 1, Group A, B, C
and D Locations (application pending)
ORDERING INFORMATION
DS1971-F3
F3 MicroCan
DS1971-F5
F5 MicroCan
F3 MICROCAN
TM
F5 MICROCAN
TM
All dimensions shown in millimeters.
DS1971
256-Bit EEPROM iButton
™
www.dalsemi.com
DATA
GROUND
0.36
0.51
3.10
c
1993
YYWW REGISTERED RR
54
14
000000FBC52B
16.25
17.35
DATA
GROUND
0.36
0.51
5.89
c
1993
YYWW REGISTERED RR
D4
14
000000FBD8B3
16.25
17.35


Similar Part No. - DS1971

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1971 MAXIM-DS1971 Datasheet
265Kb / 4P
256-Bit EEPROM iButton®
7/09
DS1971-F3+ MAXIM-DS1971-F3+ Datasheet
265Kb / 4P
256-Bit EEPROM iButton®
7/09
DS1971-F5+ MAXIM-DS1971-F5+ Datasheet
265Kb / 4P
256-Bit EEPROM iButton®
7/09
More results

Similar Description - DS1971

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
256-Bit 1-Wire EEPROM
logo
National Semiconductor ...
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
256-/1024-Bit Serial EEPROM
logo
Dallas Semiconductor
DS1977 DALLAS-DS1977 Datasheet
102Kb / 16P
32KB EEPROM iButton
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
1024-Bit EEPROM iButton
REV: 083006
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A_07 Datasheet
698Kb / 16P
256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS1971 MAXIM-DS1971 Datasheet
265Kb / 4P
256-Bit EEPROM iButton®
7/09
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
1024-Bit EEPROM iButton
Rev 3; 4/10
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
256-Bit 1-Wire EEPROM
4/10
DS2430A MAXIM-DS2430A_12 Datasheet
866Kb / 19P
256-Bit 1-Wire EEPROM
Rev 2/12
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com