Electronic Components Datasheet Search
  English  ▼

X  

B32921 Datasheet(PDF) 15 Page - EPCOS

Part # B32921
Description  EMI Suppression Capacitors (MKP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32921 Datasheet(HTML) 15 Page - EPCOS

Back Button B32921 Datasheet HTML 11Page - EPCOS B32921 Datasheet HTML 12Page - EPCOS B32921 Datasheet HTML 13Page - EPCOS B32921 Datasheet HTML 14Page - EPCOS B32921 Datasheet HTML 15Page - EPCOS B32921 Datasheet HTML 16Page - EPCOS B32921 Datasheet HTML 17Page - EPCOS B32921 Datasheet HTML 18Page - EPCOS B32921 Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Application note for the different possible X1 / X2 positions
In series with the powerline
(i.e. capacitive power supply)
Typical Applications:
Power meters
ECUs for white goods and household
appliances
Different sensor applications
Severe ambient conditions
In parallel with the powerline
Typical Applications:
Standard X2 are used parallel over the mains for
reducing electromagnetic interferences coming
from the grid. For such purposes they must meet
the applicable EMC directives and standards.
Basic circuit
Basic circuit
Required features
High capacitance stability over the lifetime
Narrow tolerances for a controlled current
supply
Required features
Standard safety approvals
(ENEC, UL, CSA, CQC)
High pulse load capability
Withstand surge voltages
Recommended EPCOS product series
B3293* (305 V AC) heavy duty with
EN approval for X2 (UL Q1/2010)
B3265* MKP series
standard MKP capacitor without safety
approvals
B3267*L MKP series
standard MKP capacitor without safety
approvals
Recommended EPCOS product series
B3292*C/D (305 V AC)
standard series, approved as X2
B3291* (330 V AC), approved as X1
B32921C/D ... B32928C/D
X2 / 305 V AC
Page 15 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com