Electronic Components Datasheet Search
  English  ▼

X  

DS1990 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1990
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1990 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1990 Datasheet HTML 2Page - Dallas Semiconductor DS1990 Datasheet HTML 3Page - Dallas Semiconductor DS1990 Datasheet HTML 4Page - Dallas Semiconductor DS1990 Datasheet HTML 5Page - Dallas Semiconductor DS1990 Datasheet HTML 6Page - Dallas Semiconductor DS1990 Datasheet HTML 7Page - Dallas Semiconductor DS1990 Datasheet HTML 8Page - Dallas Semiconductor DS1990 Datasheet HTML 9Page - Dallas Semiconductor DS1990 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DS1990A
10 of 10
NOTES:
1. All voltages are referenced to ground.
2. VPUP = external pullup voltage.
3. Input load is to ground.
4. An additional reset or communication sequence cannot begin until the reset high time has expired.
5. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is
guaranteed to be valid within 1
µs of this falling edge and will remain valid for 14 µs minimum. (15
µs total from falling edge on 1-Wire bus.)
6. VIH is a function of the external pullup resistor and the VCC supply.
7. 30 nanocoulombs per 72 time slots @ 5.0V.
8. At VCC =5.0V with a 5 k
Ω pullup to V CC and a maximum time slot of 120 µs.
9. Capacitance on the I/O pin could be 800 pF when power is first applied. If a 5 k
Ω resistor is used to
pull up the I/O line to VCC , 5
µs after power has been applied the parasite capacitance will not affect
normal communications.
10. The reset low time (tRSTL ) should be restricted to a maximum of 960
µs, to allow interrupt signaling,
otherwise, it could mask or conceal interrupt pulses if this device is used in parallel with a DS1994.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com