Electronic Components Datasheet Search
  English  ▼

X  

DS2176 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2176
Description  T1 Receive Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2176 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2176 Datasheet HTML 7Page - Dallas Semiconductor DS2176 Datasheet HTML 8Page - Dallas Semiconductor DS2176 Datasheet HTML 9Page - Dallas Semiconductor DS2176 Datasheet HTML 10Page - Dallas Semiconductor DS2176 Datasheet HTML 11Page - Dallas Semiconductor DS2176 Datasheet HTML 12Page - Dallas Semiconductor DS2176 Datasheet HTML 13Page - Dallas Semiconductor DS2176 Datasheet HTML 14Page - Dallas Semiconductor DS2176 Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS2176
11 of 15
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
DD
=5V
± 10%)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RCLK Period
tRCLK
250
648
ns
RCLK, SYSCLK Rise
and Fall Times
tR,tF
20
ns
RCLK Pulse Width
tRWH,
tRWL
125
324
ns
SYSCLK Pulse Width
tSWH,
tSWL
100
244
ns
SYSCLK Period
tSYSCLK
200
488
ns
RMSYNC Setup to
RCLK Falling
tSC
20
tRWH-5
ns
SFSYNC Setup to
SYSCLK Falling
tSC
20
tSWH-5
ns
RMSYNC, SFSYNC,
SIGH
, ALN Pulse Width
tPW
50
ns
ns
RSER Setup to RCLK
Falling
tSD
50
ns
RSER Hold from RCLK
Falling
tHD
50
ns
Propagation Delay
SYSCLK to SSER,
A,B,C,D
tPVD
100
ns
Propagation Delay
SYSCLK to SMSYNC
High
tPSS
75
ns
Propagation Delay
SYSCLK or RCLK to
SLIP
Low
tPS
100
ns
Propagation Delay
SYSCLK to SIGFRZ
Low/High
tPSF
75
ns
ALN
, SIGH Setup to
SFSYNC Rising
tSR
500
ns
NOTES:
1. Measured at VIH =2.0V, VIL =0.8V, and 10 ns maximum rise and fall times.
2. Output load capacitance = 100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com